Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA034AA Datasheet(PDF) 6 Page - Microsemi Corporation

Part # MMA034AA
Description  DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA034AA Datasheet(HTML) 6 Page - Microsemi Corporation

  MMA034AA Datasheet HTML 1Page - Microsemi Corporation MMA034AA Datasheet HTML 2Page - Microsemi Corporation MMA034AA Datasheet HTML 3Page - Microsemi Corporation MMA034AA Datasheet HTML 4Page - Microsemi Corporation MMA034AA Datasheet HTML 5Page - Microsemi Corporation MMA034AA Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MMA034AA
SMD-00173 Rev C
Subject to Change Without Notice
6 of 6
Information contained in this document is proprietary to Microsem. This document may not be modified in any way without the express
written consent of Microsemi. Product processing does not necessarily include testing of all parameters. Microsemi reserves the right to
change the configuration and performance of the product and to discontinue product at any time.
© 2014 Microsemi Corporation. All rights reserved. Microsemi and the Microsemi logo are trademarks of Microsemi Corporation. All other
trademarks and service marks are the property of their respective owners.
Microsemi Corporate Headquarters
Microsemi Corporation (Nasdaq: MSCC) offers a comprehensive portfolio of semiconductor
One Enterprise, Aliso Viejo CA 92656 USA and system solutions for communications, defense and security, aerospace, and industrial
Within the USA: +1 (949) 380-6100
markets. Products include high-performance and radiation-hardened analog mixed-signal
Sales: +1 (949) 380-6136
integrated circuits, FPGAs, SoCs, and ASICs; power management products; timing and
Fax: +1 (949) 215-4996
synchronization devices and precise time solutions, setting the
world’s standard for time;
voice processing devices; RF solutions; discrete components; security technologies and
scalable anti-tamper products; Power-over-Ethernet ICs and midspans; as well as custom
design capabilities and services. Microsemi is headquartered in Aliso Viejo, Calif. and has
approximately 3,400 employees globally. Learn more at www.microsemi.com.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com