Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA034AA Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MMA034AA
Description  DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA034AA Datasheet(HTML) 5 Page - Microsemi Corporation

  MMA034AA Datasheet HTML 1Page - Microsemi Corporation MMA034AA Datasheet HTML 2Page - Microsemi Corporation MMA034AA Datasheet HTML 3Page - Microsemi Corporation MMA034AA Datasheet HTML 4Page - Microsemi Corporation MMA034AA Datasheet HTML 5Page - Microsemi Corporation MMA034AA Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMA034AA
SMD-00173 Rev C
Subject to Change Without Notice
5 of 6
Die size, pad locations, and pad descriptions
Pick-up and Chip Handling:
This MMIC has exposed air bridges on the top surface. Do not pick up chip with vacuum
on the die center; handle from edges or with a custom collet.
Thermal Heat Sinking:
To avoid damage and for optimum performance, you must observe the maximum channel
temperature and ensure adequate heat sinking.
ESD Handling and Bonding:
This MMIC is ESD sensitive; preventive measures should be taken during handling, die attach,
and bonding.
Epoxy die attach is recommended. Please review our application note MM-APP-0001
handling and die attach recommendations, on our website for more handling, die attach
and bonding information.
Chip size: 1640x920um (64.6x36.2mil)
Chip size tolerance: ±5um (0.2mil)
Chip thickness: 100 ±10um (4 ±0.4mil)
Pad dimensions: 80x80um (3.1x3.1mil)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com