Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL9Y-LP1CDW Datasheet(PDF) 10 Page - IDEC Corporation

Part # FL9Y-LP1CDW
Description  Smart Control - IDEC SmartRelay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL9Y-LP1CDW Datasheet(HTML) 10 Page - IDEC Corporation

Back Button FL9Y-LP1CDW Datasheet HTML 4Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 5Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 6Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 7Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 8Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 9Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 10Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 11Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 12Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Open Network
(CC-Link, DeviceNet)
MicroSmart
AS-Interface
Master Module
AS-Interface
Communication Module
SX5A IP67
Communication Terminal
SX5A
IP20
Communication Terminal
Sensor (AS-Interface
Direct Connection Type)
HW L6 MCM Series
SwitchNet™ Control Units
(AS-Interface Direct Connection Type)
Sensor
SX5A
AS-Interface
Gateway
PS2R
AS-Interface
Power Supply
Branch
Connector
AS-Interface Safety at work
SX5A
Safety
Monitor
Light Curtain
Emergency
Stop Switch
Light Tower
Manifold Solenoid
Value
Starter Kit
• IDEC SmartRelay Starter Kit is an economical and ideal solution for first time IDEC SmartRelay users
• Package includes a base module, WindLGC programming software, programming cable, simulator switch
(DC models only) and a user’s manual
N
I1
I2
I3
I4
I5
I6
I7
I8
Q1
Q2
Q3
Q4
58
60
All dimensions in mm.
Detailed CAD drawings are available on our website at: www.idec.com/smartrelay.
Base Module Dimensions
10
11
Accessories
Simulator Switch
FL1B-Y1371-SW8
Programming Cable
FL1A-PC1
User’s Manual
FL9Y-B966-0
WindLGC 5.0 Software
FL9Y-LP1CDW
Memory Cartridge
FL1C-PM3
Part Number
Description
SMARTSTART-BAC-D
FL1D-B12RCC, WindLGC software and programming cable
SMARTSTART-BDC-D
FL1D-B12RCE, WindLGC software, programming cable, and simulator switch
SMARTSTART-HAC-D
FL1D-H12RCC, WindLGC software and programming cable
SMARTSTART-HDC-D
FL1D-H12RCE, WindLGC software, programming cable, and simulator switch
Part Number
Description
FL1C-PM3
Memory cartridge, with user defined protection freature
FL9Y-LP1CDW
Programming Software: WindLGC Ver. 5CD w/Online Manual
FL1A-PC1
Programming Cable
BNDN1000
35mm Aluminum DIN Rail, 1m/3.28ft
BNL6
End Clips, Prevents modules from sliding off DIN Rail
MT-101
Memory Cartridge Removal Tool
FL1B-PSP1
Mounts Module Directly to Panel
FL1B-Y1371-SW8
8pt Input Simulator Switch, Used with 12, 24V DC Base Module Only
FL9Y-B966-0
FL1D User's Manual, Available for download at: www.idec.com/smartrelay
FC4A-USB
USB to RS232 Converter, For use with "USB Only" PC's
I/O Expansion Module Dimensions
www.idec.com/smartrelay
Digital Input:
I
123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Analog Input:
AI
12345678
Digital Output:
Q
1234
56789
10 11 12 13 14 15 16
Digital Input:
I
123456789
10 11 12
13 14 15 16
Analog Input:
AI
1
2
3
4
Digital Output:
Q
1234
5678
9
10 11 12
Digital Input:
I
123456789
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Analog Input:
AI
1
2
345678
Digital Output:
Q
1234
56789
10 11 12 13 14 15 16
Digital Input:
I
123456789
10 11 12
13 14 15 16 17 18 19 20 21 22 23 24
Analog Input:
AI
1
2
3
4
5678
Analog Output:
AI
1
2
Digital Output:
Q
1234
5678
9
10 11 12 13 14 15 16
The AS-Interface communication
module provides the optimum
solution for savings in cables,
installation space, and wiring
costs, and offers the possibility
of decentralized control.
Combination of easy-to-program
IDEC SmartRelay and LONWORKS
communicaton module achieves
remote control and monitoring on
a LONWORKS network.
AS-Interface Communication Module
FL1B-CAS2
Module Combination and Allocation Numbers
Using expansion I/O modules
FL1D-H12RCE
FL1B-MO8B2R2
FL1B-CAS2
Base module
Analog input module
Combination I/O module
AS-interface communication module
LONWORKS Communication Module
FL1B-CL1C12
Module Combination and Allocation Numbers
1. Maximum number of I/O points when using LONWORKS communication module
2. Using analog inputs on the base module
FL1D-H12RCC
FL1B-CL1C12
FL1D-H12RCE
FL1B-CL1C12
3. Using I/O expansion module
FL1D-H12RCE
FL1B-CL1C12
FL1B-MO8B2R2
Note 1: One LONWORKS communication module can be used with a base module and must be mounted at the right-most position of the row.
Note 2: I/O numbers are automatically allocated starting with the base module.
Note 3: When the base module with analog inputs is used, l1 to l8, Al1, and Al2 are occupied whether the analog inputs are used or not.
FL1B-J2B2 FL1D-K2B2
Base module
Combination I/O module
LONWORKS communication module
Analog input module
Analog output module
LonMark, LONWORKS, LON,
Lon Builder, Neuron, 3120,
3150, and Echelon are
registered trademarks of
Echelon, USA.
FL1B-J2B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com