Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL9Y-LP1CDW Datasheet(PDF) 8 Page - IDEC Corporation

Part # FL9Y-LP1CDW
Description  Smart Control - IDEC SmartRelay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL9Y-LP1CDW Datasheet(HTML) 8 Page - IDEC Corporation

Back Button FL9Y-LP1CDW Datasheet HTML 4Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 5Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 6Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 7Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 8Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 9Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 10Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 11Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 12Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Special Function Blocks (Cont.)
Q
EN
Inv
Q
TH
TL
Q
En
Par
Inv
Asynchronous
Pulse Generator
Q
Trg
T Starts
TH
TL
Q
En
Par
Random
Generator
Fre
G-T
Q
fa=5Hz
fa=3Hz
1s
1s
1000
SW
SW
0
A/1 or
A/2
Q
1000
A/1 0
1000
A/2 0
Q
1000
200
-200
A/1-A/2 0
tor =200
T Starts
Q
Trg
T
15s
1s
Q
Trg
Par
Q
Ax
Ay
Par
Q
Ax
Par
Q
Fre
Par
Stairwell Light
Switch
Analog
Comparator
Analog Trigger
Frequency Trigger
Q
TL
TL
TIL
T1
T
Trg
Q
Trg
Par
R
Dual-Function
Switch
LONWORKS® Communication Module
*LoNWORKS® is a registered trademark of Echelon
• LONWORKS® Communication module contains standard network variable type (SNVT) to achieve open
network communication for building automation
• Maximum virtual inputs/analog inputs/outputs: 16/8/12 points
• An external interface file (XIF extension) unique to each LONWORKS® module is needed to communicate
through the LONWORKS® network and can be downloaded at www.idec.com/smartrelay
• See page 11 for more details
AS-Interface Communication Module
• The AS-Interface communication module provides optimum solutions for
decentralized controls and savings in installation space and wiring
• Virtual I/O points: 4 inputs, 4 outputs
• See page 11 for more details
Par
Q
En
P
Q
Switch
EN
Q
En
Par
Softkey
Message Text
S1
S2
S3
S4
S5
S6
S7
S8
0
0
0
0
1
1
0
0
1
0
0
0
0
1
1
0
0
1
0
0
0
0
1
1
1
0
1
0
0
0
0
1
1
1
0
1
0
0
0
0
0
1
1
0
1
0
0
0
1
1
0
1
0
0
0
1
Shift Up
Shift Down
S4=Q (Example)
In
Q
Dir
Trg
Q
Trg
In
Dir
Par
Shift Register
Q
Ax
Par
Analog
Amplifier
8
9
Modules that expand the possibilities
Part Number
Rated Voltage
Input Signal
Input Type
Output Type
With Clock
FL1D-H12RCE
12/24V DC
DC
I7 and I8 are used
for digital/analog
PNP
Relay Output
Yes
FL1D-H12SND
24V DC
Transistor Source Output
—
FL1D-H12RCA
24V AC/DC
AC/DC
PNP/NPN
Relay Output
Yes
FL1D-H12RCC
100-240V AC/DC
PNP
FL1D Base Modules – With LCD
Part Number
Rated Voltage
Input Signal
Input Type
Output Type
With Clock
FL1D-B12RCE
12/24V DC
DC
I7 and I8 are used
for digital/analog
PNP
Relay Output
Yes
FL1D-B12RCA
24V AC/DC
AC/DC
PNP/NPN
Relay Output
Yes
FL1D-B12RCC
100-240V AC/DC
PNP
FL1D Base Modules – Without LCD
Part Number
Module
Input Power
Input Type
Output Type
Total I/O
FL1B-M08B2R2
Combination
I/O Module
12/24V DC
DC input
Relay output
8 (4 in/4 Out)
FL1B-M08B1S2
24V DC
DC input
Transistor Output
8 (4 in/4 Out)
FL1B-M08C2R2
100-240V AC/DC
AC/DC input
Relay Output
8 (4 in/4 Out)
FL1B-M08D2R2
24V AC/DC
AC/DC input
Relay Output
8 (4 in/4 Out)
FL1B-J2B2
Analog Input Module
12/24V DC
0-10V, 4-20mA
—
2 (2 in/0 Out)
FL1D-K2B2
Analog Output Module
24V DC
—
0-10V
2 (0 in/2 Out)
I/O Expansion Modules
Part Number
Module
Input Power
Total I/O
FL1B-CL1C12
LONWORKS® Communication Module
24V AC/DC
Input: 16 points
Analog Input: 8 points
Output: 12 points
Part Number
Module
Input Power
Total I/O
FL1B-CAS2
AS-Interface Communication Module
30V DC
Input: 4 points
Output: 4 points
www.idec.com/smartrelay
*
New
PI Controller
Analog Ramp Control Analog Multiplexer
*
New
*
New
*
New
R
FM
APPROVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com