Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL9Y-LP1CDW Datasheet(PDF) 5 Page - IDEC Corporation

Part # FL9Y-LP1CDW
Description  Smart Control - IDEC SmartRelay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL9Y-LP1CDW Datasheet(HTML) 5 Page - IDEC Corporation

  FL9Y-LP1CDW Datasheet HTML 1Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 2Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 3Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 4Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 5Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 6Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 7Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 8Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
*
New
*
New
Control at the push of a button
4
5
Digital/Analog Inputs
Each SmartRelay is equipped with 8 digital inputs for you to utilize in your applications.
On selected models such as FL1D-H12RCE, FL1D-B12RCE and FL1D-H12SND, inputs 5
and 6 can be used as fast inputs up to 2 kHhz and inputs 7 and 8 can be configured as
0-10V analog inputs. A maximum of 24 digital inputs can be utilized with this system
using digital expansion modules.
Operational Control Buttons
IDEC SmartRelays can be programmed
with just the push of a button! Control
buttons can be used to program, modify
and change preset parameters. The four
cursor keys can also be configured as
inputs if needed.
Digital Outputs
IDEC SmartRelays are equipped with 4 relay outputs rated at
10A/pt. A maximum of 16 outputs can be configured with this
system using digital expansion modules.
DIN Rail or Surface Mountable
Backlit LCD Display
System status — input, output, analog values,
timers and counters — can be monitored through
an embedded 4x12 LCD on your SmartRelay. This
allows you to display a predefined message with up
to 48 characters chosen from 103 special character
types.
You can now adjust the contrast on
your display screen to your preference. Non-LCD
versions are also available.
EEPROM memory
Never worry about your program being lost again! With IDEC SmartRelays, your program
is stored in a non-volatile EEPROM.
Password Protection
Concerned about your program being copied or altered? IDEC SmartRelays keep you safe
with a unique password protection scheme allowing end users to access certain param-
eters without seeing or modifying the actual program.
Large Program Capacity
Running out of program space is a thing of the past. IDEC SmartRelays can handle up to
130 function blocks (2000 bytes).
Integrated Functions
8 predefined basic function blocks and 28 special function blocks ensure that almost all
your conventional switching devices — timers and counters — can be replaced. Three
functions include a PI controller (e.g. for temperature control), a two-stage ramp
function (e.g. for the control of frequency converters) and an analog multiplexer (e.g. for
light control). See page 9.
Quality
IDEC means quality and dependability you can trust and our SmartRelays are no exception.
Each model is cULus listed, CE certified, EMC compliant, FM approved for Class 1 Div 2
hazardous locations, C-tick compliant, Lloyds Registered, and ABS approved.
Universal Voltages
SmartRelays are available in 12/24VDC, 24VAC/DC, and
100-240VAC/DC voltages.
Expansion Modules
Just snap-on and go! No cable required. Each
digital expansion module has 4 inputs and 4 outputs
available in 12/24VDC, 24VAC/DC and 100-240VAC/DC.
Up to 4 expansion modules can be mounted on an
IDEC SmartRelay base module. Plus SmartRelay
also has the capability to communicate within a
LONWORKS® network and AS-interface system with
its LONWORKS and AS-interface modules.
Analog Inputs & Outputs
Using the 2-pt analog input and 2-pt analog output
expansion modules allows you to easily control and
process your analog signal. IDEC SmartRelays can
control and process 0-10V and 4-20mA signals with
a 10-bit resolution. Up to 4 analog input and 1 analog
output modules can be attached to the base module.
Multifunction Interface
If you prefer not to program your
SmartRelay using the LCD and keypad,
simply connect the interface cable to
your PC and program with our WindLGC
software instead. Or you can plug-in the
special memory cartridge (FL1C-PM3)
and have your SmartRelay operate the
circuit program through the cartridge itself.
www.idec.com/smartrelay
R
FM
APPROVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com