Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL9Y-LP1CDW Datasheet(PDF) 12 Page - IDEC Corporation

Part # FL9Y-LP1CDW
Description  Smart Control - IDEC SmartRelay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL9Y-LP1CDW Datasheet(HTML) 12 Page - IDEC Corporation

Back Button FL9Y-LP1CDW Datasheet HTML 4Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 5Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 6Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 7Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 8Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 9Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 10Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 11Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 12Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
USA
IDEC Corporation
Tel: (408) 747-0550
opencontact@idec.com
Canada
IDEC Canada Ltd.
Tel: (905) 890-8561
sales@idec.com
Australia
IDEC Australia Pty. Ltd.
Tel: +61-3-9763-3244
sales@au.idec.com
Japan
IDEC Corporation
Tel: +81-6-6398-2571
products@idec.co.jp
United Kingdom
IDEC Electronics Ltd.
Tel: +44-1256-321000
idec@uk.idec.com
Germany
IDEC Elektrotechnik GmbH
Tel: +49-40-253054-10
service@idec.de
Hong Kong
IDEC (H.K.) Co., Ltd.
Tel: +852-2803-8989
info@hk.idec.com
China/Beijing
IDEC (Shanghai) Corporation
Tel: +86-10-6599-5541
China/Shanghai
IDEC (Shanghai) Corporation
Tel: +86-21-5353-1000
idec@cn.idec.com
China/Shenzhen
IDEC (Shenzhen) Corporation
Tel: +86-755-8356-2977
Singapore
IDEC Asia Pte. Ltd.
Tel: +65-6746-1155
info@sg.idec.com
Taiwan
IDEC Taiwan Corporation
Tel: +886-2-2698-3929
service@idectwn.com.tw
Specifications and other descriptions in this catalog are subject to change without notice.
PS5R Slim Line Power Supplies
IDEC PS5R Slim Line power supplies have
all the features, all the power, and only half
the size of traditional power supplies. Save
valuable DIN Rail space with the 30W, 60W,
90W, 120W, or 240W models which can fit
any of your power needs. The PS5R Slim
Line models are UL508 and UL1604 listed
for hazardous locations. The 30W and 60W
models are also NEC Class 2 rated. The
120W and 240W models comply with SEMI
F47 sag immunity requirements.
©2006 IDEC Corporation. All Rights Reserved.
Catalog No. FL9Y-B100-0 2/06 15K
IDEC SmartRelay
Think Automation and beyond...
www.idec.com
SA1E Sensors
Choose your sensing method, operation mode, control output and
connection method with the simple and affordable SA1E sensors,
and get exactly what you need in a very small package. There are
32 models available, all rated IP67 for water resistance, with a re-
sponse time of 1 msec (maximum). Special interference prevention
allows close mounting of two sensors (except for through-beam
type), and the quick connect and disconnect option make installa-
tion a breeze.
Think Automation and beyond...
HW Switches
In basic black or stylish metal, the HW series of 22mm
switches from IDEC are available in several styles to
dress up any panel. HW pushbuttons and pilot devices
are internationally-rated, designed for use almost
anywhere in the world, and have removable contact
blocks, finger-safe terminals, and tamperproof
construction. Choose simple black plastic bezels for
clean uniformity or chrome-plated metallic bezels for
a rugged industrial look.
*
New
Advanced
Features
Support Information
IDEC SmartRelay
www.idec.com/smartrelay
Technical support:
support@idec.com
800-262-IDEC
www.idec.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com