Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2DSM-800 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E5CC-RX2DSM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2DSM-800 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E5CC-RX2DSM-800 Datasheet HTML 10Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 11Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 12Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 13Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 14Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 15Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 16Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 17Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
E5EC-800
14
Model Number Legend and Standard Models
Model Number Legend
E5EC 48x96mm
Heating and Cooling Control
l Using Heating and Cooling Control
A Control Output Assignment
If there is no control output 2, an auxiliary output is used as the cooling control output.
If there is a control output 2, the two control outputs are used for heating and cooling.
(It does not matter which output is used for heating and which output is used for cooling.)
B Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Optional Products (Order Separately)
Communications Conversion Cable
Note: Always use this product together with the E58-CIFQ2.
Terminal Covers
Waterproof Packing
Note: This Waterproof Packing is provided with the Digital
Temperature Controller.
Waterproof Cover
Note: This Cover complies with IP66 and NEMA 4X waterproofing.
Front panel: IP66 protection.
Front Port Cover
Note: This Front Port Cover is provided with the Digital Temperature
Controller.
Mounting Adapter
Note: This Mounting Adapter is provided with the Digital Temperature
Controller.
Current Transformers (CTs)
Control output 1
Control output 2
Auxiliary
output
Communications
Heater
burnout
Event
inputs
Power supply
voltage
Model
Relay output
-
Two
--
-
100 to 240 VAC
E5EC-RX2ASM-800
Voltage output
-
E5EC-QX2ASM-800
Current output
-
E5EC-CX2ASM-800
Relay output
Relay output
E5EC-RR2ASM-800
Voltage output
Relay output
E5EC-QR2ASM-800
Current output
Relay output
E5EC-CR2ASM-800
Relay output
-
24 VAC/VDC
E5EC-RX2DSM-800
Voltage output
-
E5EC-QX2DSM-800
Current output
-
E5EC-CX2DSM-800
Relay output
Relay output
E5EC-RR2DSM-800
Voltage output
Relay output
E5EC-QR2DSM-800
Current output
Relay output
E5EC-CR2DSM-800
Relay output
Relay output
RS-485
One
Two
100 to 240 VAC
E5EC-RR2ASM-808
Voltage output
Relay output
E5EC-QR2ASM-808
Relay output
Relay output
24 VAC/VDC
E5EC-RR2DSM-808
Voltage output
Relay output
E5EC-QR2DSM-808
Relay output
Relay output
-
Four
100 to 240 VAC
E5EC-RR2ASM-810
Voltage output
Relay output
E5EC-QR2ASM-810
Relay output
Relay output
24 VAC/VDC
E5EC-RR2DSM-810
Voltage output
Relay output
E5EC-QR2DSM-810
Current output
Relay output
RS-485
-
Two
100 to 240 VAC
E5EC-CR2ASM-804
Current output
Relay output
24 VAC/VDC
E5EC-CR2DSM-804
Model
E58-CIFQ2-E
Model
E53-COV24
Model
Y92S-P9
Model
Y92A-49N
Model
Y92S-P7
Model
Y92F-51
(Two Adapters are included.)
Hole diameter
Model
5.8 mm
E54-CT1
12.0 mm
E54-CT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com