Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2DSM-800 Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # E5CC-RX2DSM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2DSM-800 Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button E5CC-RX2DSM-800 Datasheet HTML 25Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 26Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 27Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 28Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 29Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 30Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 31Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 32Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
E5CC/E5EC-800
29
Safety Precautions
● Be sure to read the precautions for all E5CC/E5EC-800 models in the website at: http://www.ia.omron.com/.
Do not touch the terminals while power is being
supplied.
Doing so may occasionally result in minor injury due
to electric shock.
Electric shock may occur. Do not touch any cables or
connectors with wet hands.
Electric shock, fire, or malfunction may occasionally
occur. Do not allow metal objects, conductors,
cuttings from installation work, or moisture to enter
the Digital Temperature Controller or the Setup Tool
port or ports. Attach the cover to the front-panel Setup Tool port
whenever you are not using it to prevent foreign objects from
entering the port.
Do not use the Digital Temperature Controller where
subject to flammable or explosive gas. Otherwise,
minor injury from explosion may occasionally occur.
Not doing so may occasionally result in fire. Do not
allow dirt or other foreign objects to enter the Setup
Tool port or ports, or between the pins on the
connectors on the Setup Tool cable.
Minor electric shock or fire may occasionally occur.
Do not use any cables that are damaged.
Never disassemble, modify, or repair the product or
touch any of the internal parts. Minor electric shock,
fire, or malfunction may occasionally occur.
CAUTION - Risk of Fire and Electric Shock
a. This product is UL recognised as Open Type
Process Control Equipment. It must be mounted in
an enclosure that does not allow fire to escape
externally.
b. More than one disconnect switch may be required to de-
energize the equipment before servicing the product.
c. Signal inputs are SELV, limited energy. *1
d. Caution: To reduce the risk of fire or electric shock, do not
interconnect the outputs of different Class 2 circuits. *2
If the output relays are used past their life expectancy,
contact fusing or burning may occasionally occur.
Always consider the application conditions and use
the output relays within their rated load and electrical
life expectancy. The life expectancy of output relays varies
considerably with the output load and switching conditions.
Tighten the terminal screws to the rated torque of
between 0.43 and 0.58 N•m.
Loose screws may occasionally result in fire.
Set the parameters of the product so that they are
suitable for the system being controlled. If they are
not suitable, unexpected operation may occasionally
result in property damage or accidents.
A malfunction in the product may occasionally make
control operations impossible or prevent alarm
outputs, resulting in property damage.
To maintain safety in the event of malfunction of the
product, take appropriate safety measures, such as installing a
monitoring device on a separate line.
*1. An SELV circuit is one separated from the power supply withdouble
insulation or reinforced insulation, that does not exceed 30 V r.m.s. and
42.4 V peak or 60 VDC.
*2. A class 2 power supply is one tested and certified by UL as having the
current and voltage of the secondary output restricted to specific levels.
CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com