Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2DSM-800 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E5CC-RX2DSM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2DSM-800 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E5CC-RX2DSM-800 Datasheet HTML 16Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 17Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 18Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 19Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 20Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 21Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 22Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 23Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
E5EC-800
20
Electrical Life Expectancy Curve for Relays (Reference Values)
External Connections
E5EC-800
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30 m,
compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
500
300
100
50
30
10
5
3
1
0
12345
6
Switching current (A)
E5EC
250 VAC, 30 VDC
(resistive load)
cosφ = 1
The E5EC is set for a K-type thermocouple (input
type = 5) by default. An input error (s.err) will occur
if the input type setting does not agree with the
temperature sensor. Check the input type.
Relay output
250 VAC, 5 A
(resistive load)
Voltage output
(for driving SSR)
12 VDC, 40 mA
When There Is a
Control Output 2:
21 mA
Current output
0 to 20 mA DC
4 to 20 mA DC
Load: 500 Ω max.
23
24
11
12
35
36
19
20
21
22
9
10
31
32
33
34
2
25
7
8
17
5
6
29
30
3
4
26
27
28
113
14
15
16
18
2
1
2
100 to 240 VAC
1
24 VAC/VDC
V
-
23
V
24
+
22
TC
22
+
-
mA
-
+
23
22
23
24
Pt
I
24
22
23
24
A
B
B
7
8
11
12
Auxiliary outputs 1, 2
9
10
Auxiliary output 1
Auxiliary output 2
19
20
21
13
14
15
16
17
18
808
Communications, 2 event
inputs, and 1 CT input
804
Communications
and 2 event inputs
19
20
21
13
14
15
17
18
16
EV1
EV2
EV1
EV2
B(+)
A(-)
RS-485
B(+)
A(-)
RS-485
CT1
↑
Terminal type
Auxiliary outputs 1, 2
Control output 2
Control output 1
Relay output
Model with 2 auxiliary
outputs: 250 VAC, 3 A
(resistive load)
Relay output
250 VAC, 5 A
(resistive load)
+
+
+
-
+
-
-
-
(1) Control output
Models with
1 Relay
Output
Models with 1
Voltage Output
(for Driving SSR)
Models with Voltage
Output (for Driving SSR)
and Relay Output
Models with 2
Relay Outputs
Models with
Current Output
and Relay Output
Models with 1
Current Output
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
3
4
5
6
RX
R
R
R
R
Q
Q
OUT1
OUT1
OUT1
C
C
QR
RR
CR
QX
CX
R
(2) Auxiliary Outputs
(3) Input Power Supply
(6) Options
(5) Sensor (Temperature/Analog) Input
(no polarity)
E5EC-
@@ 2 @ S M - 8@@
(1)
(2) (3) (4) (5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com