Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2DSM-800 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E5CC-RX2DSM-800
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2DSM-800 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E5CC-RX2DSM-800 Datasheet HTML 13Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 14Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 15Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 16Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 17Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 18Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 19Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 20Page - Omron Electronics LLC E5CC-RX2DSM-800 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
E5EC-800
17
Alarm type
Each alarm can be independently set to one of the following 19 alarm types. The default is 2: Upper limit. (see note.)
Auxiliary outputs are allocated for alarms. ON delays and OFF delays (0 to 999 s) can also be specified.
*1
With set values 1, 4 and 5, the upper and lower limit values can be set
ndependently for each alarm type, and are expressed as “L” and “H.”
*2. Set value: 1, Upper- and lower-limit alarm
*3. Set value: 4, Upper- and lower-limit range
*4. Set value: 5, Upper- and lower-limit with standby sequence
For Upper- and Lower-Limit Alarm Described Above *2
• Case 1 and 2
Always OFF when the upper-limit and lower-limit hysteresis overlaps.
• Case 3: Always OFF
*5. Set value: 5, Upper- and lower-limit with standby sequence
Always OFF when the upper-limit and lower-limit hysteresis overlaps.
*6. Refer to the E5CC/E5EC Digital Controllers User's Manual (Cat. No. H174)
for information on the operation of the standby sequence.
*7. Refer to the E5CC/E5EC Digital Controllers User's Manual (Cat. No. H174)
for information on the PV change rate alarm.
*8. Refer to the E5CC/E5EC Digital Controllers User's Manual (Cat. No. H174)
for information on the PV change rate alarm.
*9. When heating/cooling control is performed, the MV absolute upper limit
alarm functions only for the heating operation and the MV absolute lower
limit alarm functions only for the cooling operation.
Set
value
Alarm type
Alarm output operation
Description of function
When alarm value
X is positive
When alarm value
X is negative
0
Alarm function OFF
Output OFF
No alarm
1
Upper- and lower-limit *1
*2
Set the deviation in the set point by setting the alarm upper
limit (H) and alarm lower limit (L). The alarm is ON when the
PV is outside this deviation range.
2
Upper-limit
Set the upward deviation in the set point by setting the alarm
value (X). The alarm is ON when the PV is higher than the SP
by the deviation or more.
3
Lower-limit
Set the downward deviation in the set point by setting the
alarm value (X). The alarm is ON when the PV is lower than
the SP by the deviation or more.
4
Upper- and lower-limit
range *1
*3
Set the deviation in the set point by setting the alarm upper
limit (H) and alarm lower limit (L).
The alarm is ON when the PV is inside this deviation range.
5
Upper- and lower-limit with
standby sequence *1
*4
A standby sequence is added to the upper- and lower-limit
alarm (1).*6
6
Upper-limit with standby
sequence
A standby sequence is added to the upper-limit alarm (2). *6
7
Lower-limit with standby
sequence
A standby sequence is added to the lower-limit alarm (3).*6
8
Absolute-value upper-limit
The alarm will turn ON if the process value is larger than the
alarm value (X) regardless of the set point.
9
Absolute-value lower-limit
The alarm will turn ON if the process value is smaller than the
alarm value (X) regardless of the set point.
10
Absolute-value upper-limit
with standby sequence
A standby sequence is added to the absolute-value upper-
limit alarm (8). *6
11
Absolute-value lower-limit
with standby sequence
A standby sequence is added to the absolute-value lower-limit
alarm (9). *6
12
LBA (alarm 1 type only)
-*7
13
PV change rate alarm
-
*8
14
SP absolute value
upper limit
This alarm type turns ON the alarm when the set point (SP) is
higher than the alarm value (X).
15
SP absolute value
lower limit
This alarm type turns ON the alarm when the set point (SP) is
smaller than the alarm value (X).
16
MV absolute value
upper limit *9
This alarm type turns ON the alarm when the manipulated
variable (MV) is higher than the alarm value (X).
17
MV absolute value
lower limit *9
This alarm type turns ON the alarm when the manipulated
variable (MV) is smaller than the alarm value (X).
ON
OFF
PV
SP
LH
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
LH
ON
OFF
PV
SP
LH
ON
OFF
PV
*5
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
SP
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
PV
0
X
ON
OFF
SP
0
X
ON
OFF
SP
0
X
ON
OFF
SP
0
X
ON
OFF
SP
0
X
ON
OFF
MV
0
X
ON
OFF
MV
0
X
ON
OFF
MV
0
X
ON
OFF
MV
LH SP
Case 1
LH
SP
Case 2
L
HSP
L
HSP
L
H
SP
Case 3 (Always ON)
H<0, L<0
H<0, L>0
|H| ≥ |L|
H>0, L<0
|H| ≤ |L|
H<0, L>0
|H| < |L|
H>0, L<0
|H| > |L|
LH SP
Case 1
LH
SP
Case 2
L
HSP
L
L
HSP
H
SP
Case 3 (Always OFF)
H<0, L>0
|H| < |L|
H>0, L<0
|H| > |L|
H<0, L<0
H<0, L>0
|H| ≥ |L|
H>0, L<0
|H| ≤ |L|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com