Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4105 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB4105
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4105 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB4105 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4105
Rev
A1
Date
24/10/19
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
2 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
1.0 SCOPE
.  
This specification covers performance, tests and quality requirements for the USB Type C
Receptacle range.USB4105.
 
 
2.0 PRODUCT NAME AND PART NUMBER.
USB Type C Receptacle range.USB4105.
3.0 PRODUCT SHAPE, DIMENSIONS AND MATERIAL.
Please refer to drawings.
4.0 RATINGS.
4.1 Current rating: 5.00A collectively for VBUS pins(i.e., pins A4, A9, B4, and B9)
6.25A collectively for GND pins(i.e., pins A1, A12, B1, and B12)
1.25A for VCONN (i.e., B5)
0.25A for all other pins, per pin
4.2 Voltage rating ……………………… 20V DC
4.3 Operating Temperature Range ……
-40°C to +85°C 
5.0 TEST AND MEASUREMENT CONDITIONS.
Product is designed to meet electrical, mechanical and environmental performance requirements
specified below. All tests are performed in ambient conditions unless otherwise specified.
6.0 PERFORMANCE.
Test No
Item
Test Condition
Requirement
6.0.1
Examination of Product
Visual, dimensional and functional
inspection as per quality plan.
Product shall meet requirements
of product drawing and
specification.
Reseating
Manually plug/unplug 3 times
No physical damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com