Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4105 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # USB4105
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4105 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  USB4105 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4105
Rev
A1
Date
24/10/19
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
5 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
6.3 Environmental Performance and Others.  
Test No
Item
Test Condition
Requirement
6.3.1
Cyclic Temperature
and Humidity Test
Cycle the connector between 25 °C ±3 °C at 80 %
±3% RH and 65 °C ±3 °C at 50 % ±3% RH. Ramp
times should be 0.5 hour and dwell times should be
1.0 hour. Dwell times start when the temperature
and humidity have stabilized within the specified
levels. Perform 24 such cycles.
Contact Resistance:
50mΩ Max.
6.3.2
Salt Spray
Subject mated connectors to 5±1% salt-solution
concentration, 35±2°C for 24 hours. In accordance
with EIA-364-26, Test Condition B.
Shall meet visual
requirements, No
detrimental corrosion
allowed in contact
area and base metal
exposed.
6.3.3
Thermal Shock
Temperature range from -55°C~+85°C .Start from -
55°C. After 30 min. change to +85°C, change time
is no more than 5min. Total 10 cycles.
Test reference standard: EIA 364-32, test condition
I
No physical damage.
Contact Resistance
(Low Level) 50m
max.
6.3.4
Solderability
Solder pot temperature: 250±5°C for 3~5 seconds.
In accordance with EIA-364-52.
95% of immersed
area must show no
voids, pin holes.
6.3.5
Temperature life
105º C without applied voltage for 120 hours.
EIA-364-17, method A
Contact resistance :
50mΩ max
Temperature Life
(preconditioning)
105º C without applied voltage for 72 hours.
EIA-364-17, method A
-
6.3.6
Mixed flowing gas
EIA 364-65,Class II A
Samples should be placed in an environmentally
controlled ‘test chamber’ that is monitored by a gas
analyzing system for controlled concentrations of
the specified gas mixture. Test coupons shall also
be used and the weight gain reported.
Test duration is 7 days.
Contact resistance :
50mΩ max
6.3.7
Thermal disturbance
Cycle the connector or socket between 15 °C ±3 °C
and 85 °C ± 3 °C, as measured on the part. Ramps
should be a minimum of 2 °C per minute, and dwell
times should insure that the contacts reach the
temperature extremes (a minimum of 5 minutes).
Humidity is not controlled. Perform 10 such cycles.
Contact resistance :
50mΩ max



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com