Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4105 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB4105
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4105 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB4105 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4105
Rev
A1
Date
24/10/19
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
4 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
6.2 Mechanical Performance.
Test No
Item
Test Condition
Requirement
6.2.1
Mating/Un-mating
Force
Mate/Un-mated at a speed of 12.5mm/min.
In accordance with EIA-364-13.
Mating force: within
5N to 20N (initial).
Un-Mating force:
within 8N to 20N up
to 30cycles, within
6N to 20N after
10,000cycles
6.2.2
Durability
10,000 cycles at a
cycle rate 500± 50 per hour.
In accordance with EIA-364-09.
Un-Mating force:
within 6N to 20N
Contact resistance:
50mΩ max
Dielectric Strength:
no breakdown
Durability
(Preconditioning)
50 cycles at a
cycle rate 500± 50 per hour
In accordance with EIA-364-09.
-
6.2.3
Vibration
EIA 364-28 Test Condition VII, Test Letter D
15 minutes in each of 3 mutually perpendicular
directions. Both mating halves should be rigidly
fixed so as not to contribute to the relative motion of
one contact against another. The method of
fixturing should be detailed in the test report
No evidence of
physical damage and
no discontinuity
longer than 1
microsecond.
Contact resistance:
50mΩ max.
6.2.4
4-Axis Continuity
Shall be tested for continuity under stress using
a test fixture
No evidence of
physical damage and
no discontinuity
longer than 1
microsecond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com