Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4105 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB4105
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4105 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB4105 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4105 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4105
Rev
A1
Date
24/10/19
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
1 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
 
  
 
 
 
 
 
 
 
 


Similar Part No. - USB4105

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
More results

Similar Description - USB4105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4110-GF-A ETC-USB4110-GF-A Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
USB4055 GCT-USB4055 Datasheet
238Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount.
21st April 2016
USB4065 GCT-USB4065 Datasheet
229Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount
21th April 2016
USB4085 GCT-USB4085 Datasheet
249Kb / 3P
USB 2.0 Type C Receptacle Dip Type, PCB Top Mount
9th April 2018
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
logo
Molex Electronics Ltd.
2178040001 MOLEX-2178040001 Datasheet
395Kb / 4P
TOP MOUNT USB TYPE C RECEPTACLE IPX8
REVISION A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com