Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4110 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USB4110
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4110 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USB4110 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4110
Rev
B
Date
20/04/21
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
3 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
6.1 Electrical Performance.
Test No
Item
Test Condition
Requirement
6.1.1
Low Level Contact
Resistance
The low level contact resistance measurement is
made from the solder tail of the receptacle to the
soldering point of the plug. When measured at
20mV Max. open circuit at 100mA. Mated test
contacts must be in a connector housing. In
accordance with EIA-364-23, Test Condition B
40mΩ max (initial)
6.1.2
Insulation Resistance
Both unmated and Mated connectors, apply
100V DC for 1 minute at sea level between
adjacent terminal or ground. In accordance with
EIA-364-21.
100 MΩ Min (initial).
6.1.3
Dielectric Strength
Mate connectors, apply
100V AC (RMS) for 1 minute at sea level. In
accordance with EIA-364-20.
No Breakdown.
6.1.4
Contact current rating
A current of 5 A shall be applied collectively to
VBUS pins (i.e., pins A4, A9, B4, and B9) and 1.25
A shall be applied to the VCONN pin (i.e., B5) as
applicable, terminated through the corresponding
GND pins (i.e., pins A1, A12, B1, and B12). A
minimum current of 0.25 A shall also be applied
individually to all the other contacts, as applicable.
The temperature
rise shall not
exceed 30°C at the
outside surface of
the shell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com