Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4110 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USB4110
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4110 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button USB4110 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4110
Rev
B
Date
20/04/21
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
7 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
8.0 PRODUCT QUALIFICATION AND TEST SEQUENCE
 
Note: each group test needs 5pcs samples.  
 
Test No
 
Description
 
Requirement
 
Group A-1
 
  
6.0.1  
Examination  
Visual inspection; No physical damage
6.1.1  
LLCR  
40mΩ Max all contacts
6.2.2 
Durability
(preconditioning)  
50 cycles; No physical damage
6.3.5 
Temperature Life  
6.1.1 
LLCR  
50mΩ Max all contacts
6.0.1  
Reseating  
No physical damage
6.1.1 
LLCR  
50mΩ Max all contacts
6.0.1  
Examination  
Visual inspection; No physical damage
  
 
Group A-2
 
  
6.0.1 
Examination  
Visual inspection; No physical damage  
6.1.1  
LLCR  
40mΩ Max all contacts
6.2.2  
Durability
(preconditioning)  
50 cycles; No physical damage 
6.3.3 
Thermal Shock  
 
6.1.1 
LLCR  
50mΩ Max all contacts
6.3.1  
Humidity
 
6.1.1  
LLCR  
50mΩ Max all contacts
6.0.1  
Reseating  
No physical damage
6.1.1  
LLCR  
50mΩ Max all contacts
6.0.1  
Examination  
Visual inspection; No physical damage  
  
 
Group A-3
 
  
6.0.1  
Examination  
Visual inspection; No physical damage  
6.1.1  
LLCR  
40mΩ Max all contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com