Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4110 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # USB4110
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4110 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button USB4110 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4110
Rev
B
Date
20/04/21
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
11 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
Revision details :-
Revision
Information
Page
Release Date
A
Specification released.
-
10/07/19
B
Change current rating form Vbus 3A&GND 4.25A
to Vbus 5A&GND 6.25A
2&3
20/04/21
.
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com