Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4110 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # USB4110
Description  USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB4110 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button USB4110 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 10Page - List of Unclassifed Manufacturers USB4110 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRODUCT SPECIFICATION
Part
Number
USB4110
Rev
B
Date
20/04/21
Product
Description
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
Page
9 
Doc
Number
USB Type C
Prepared
CC
Checked
VJ
Approved
PH
 
 
 
 
www.gct.co
 
6.2.1  
Extraction force  
Within: a) 33% of initial reading & b) 8N to 20N 
6.2.2  
Durability
Perform 2468cycles and then rotate the plug or socket
180° and then perform 2500cycles. rotate the plug or
socket 180° and then perform 2500cycles. rotate the
plug or socket 180° and then perform 2500cycles. No
physical damage  
6.2.1  
Extraction force  
Within the range of 6N to 20N.
6.1.1  
LLCR  
50mΩ Max all contacts
6.1.3  
DWV  
No breakdown or flashover
6.1.2
Insulation Resistance
100 MΩ Max.
6.0.1  
Examination  
Visual inspection; No physical damage  
  
 
Group B-1
 
  
6.0.1  
Examination  
Visual inspection; No physical damage  
6.2.4 
4-Axis Continuity 
Discontinuity less than 1µs
6.0.1  
Examination  
Visual inspection; No physical damage  
  
 
Group B-5
 
  
 
Test
 
Common
 
Requirements
 
Title
 
EIA
 
364
 
Test
 
Severity or Condition
of Test
 
Critical
Dimensions
18
According to USBIF
requirement
All dimensions for component
level qualification and overmold
only for cable and adaptor
assemblies.
EMC Shielding
Spring
Inspection
n/a
Visual inspection for
compliance with
Figure 1
No EMC shielding spring finger
tip of the USB Full-
Featured Type-C plug or USB 2.0
Type-C plug shall be exposed in
the plug housing opening of the
unmated Type-C plug.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com