Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-915-IPW1-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-915-IPW1-RPS
Description  915 MHz LPWA Weatherproof Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-915-IPW1-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-915-IPW1-RPS Datasheet HTML 1Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 2Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 3Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 4Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 5Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 6Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 7Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 8Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
ANT-915-IPW1-RPS
915 MHz LPWA Weatherproof Antenna
Applications
• Low-power, wide-area (LPWA) applications
― LoRaWAN®
― WiFi HaLow™ (802.11ah)
• Remote control, monitoring and sensing
• Internet of Things (IoT) devices
• ISM applications
Features
• Performance at 902 MHz to 930 MHz
― VSWR: ≤ 1.8
― Peak Gain: 2.7 dBi
― Efficiency: 99%
• Hinged design with detents for straight, 45
degree and 90 degree positioning
• IP67 rated
• RP-SMA plug (female socket) connector
The ANT-915-IPW1-RPS antenna is a hinged-whip
IP67-rated dipole antenna designed for use in 915
MHz frequency bands for low-power, wide-area
(LPWA) applications such as LoRaWAN® and
WiFi HaLow™ as well as ISM and remote control
applications.
The ANT-915-IPW1-RPS provides a ground plane
independent dipole antenna solution. The hinged
design allows for the antenna to be positioned for
optimum performance and reduces the potential
for damage from impact compared to a fixed whip
design. The antenna attaches with an RP-SMA plug
(female socket) connector.
Ordering Information
Part Number
Description
ANT-915-IPW1-RPS
Hinged whip LPWA antenna with RP-SMA plug (female socket) connector
Available from Linx Technologies and select distributors and representatives.


Similar Part No. - ANT-915-IPW1-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-915-CPA LINX-ANT-915-CPA Datasheet
556Kb / 6P
915 MHz Directional Embedded Ceramic Patch Antenna
2019
More results

Similar Description - ANT-915-IPW1-RPS

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915AT43A0026 JOHANSON-0915AT43A0026 Datasheet
163Kb / 3P
915 MHz Antenna
0915AT43A0042 JOHANSON-0915AT43A0042 Datasheet
356Kb / 3P
915 MHz Antenna
logo
Linx Technologies
ANT-433-USP410 LINX-ANT-433-USP410 Datasheet
960Kb / 10P
Embedded 433 MHz LPWA Antenna
2020
ANT-8-IPW1-SMA LINX-ANT-8-IPW1-SMA Datasheet
1Mb / 12P
868/915 MHz LPWA Weatherproof Antenna
2021
ANT-8-IPW2-NP LINX-ANT-8-IPW2-NP Datasheet
1Mb / 12P
868/915 MHz Outdoor LPWA Antenna
2021
ANT-8-SPNF2 LINX-ANT-8-SPNF2 Datasheet
784Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-9-SPNF1 LINX-ANT-9-SPNF1 Datasheet
840Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
OC-LG LINX-OC-LG Datasheet
1Mb / 8P
868 MHz LPWA Antenna
2020
logo
Wurth Elektronik GmbH &...
2600130083 WURTH-2600130083 Datasheet
209Kb / 1P
Antenna 915 MHz
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com