Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-915-IPW1-RPS Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-915-IPW1-RPS
Description  915 MHz LPWA Weatherproof Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-915-IPW1-RPS Datasheet(HTML) 2 Page - Linx Technologies

  ANT-915-IPW1-RPS Datasheet HTML 1Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 2Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 3Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 4Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 5Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 6Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 7Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 8Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Datasheet
ANT-915-IPW1-RPS
IP (Ingress Protection) Rating
An ingress protection rating (IP rating) refers to the capability of a device to withstand the ingress of dust
and/or water under specified conditions. IP rating is typically reserved for marketable product (device) rather
than constituent components because design and assembly may affect performance of the device under
testing. IP-rated antennas are designed to support the specified level of ingress protection and may be
tested in a standalone configuration, however IP testing should be performed on the complete end product
to ensure desired performance.
Table 1. Electrical Specifications
ANT-915-IPW1-RPS
915 MHz
Frequency Range
902 MHz to 930 MHz
VSWR (max.)
1.8
Peak Gain (dBi)
2.7
Average Gain (dBi)
-0.1
Efficiency (%)
99
Impedance
50
Ω
Wavelength
1/2-wave
Electrical Type
Dipole
Polarization
Linear
Radiation
Omnidirectional
Max Power
2 W
Electrical specifications and plots measured with the antenna at the edge of a 102 mm x 102 mm ground plane, bent 90 degrees.
Table 2. Mechanical Specifications
Parameter
Value
Connection
RP-SMA plug (female socket)
Operating Temperature Range
-30 °C to +70 °C
Ingress Protection Rating (IP)
IP67 rated
Antenna Color
Black
Weight
24.9 g (0.88 oz)
Dimensions
203.0 mm x 13.2 mm x 13.2 mm (7.99 in x 0.52 in x 0.52 in)
Product Dimensions
Figure 1 provides dimensions of the ANT-915-IPW1-RPS. The antenna whip can be tilted 90 degrees, with
a detent at 45 degrees enabling the antenna to be oriented in any direction. The rotating base allows for
continuous positioning through 360 degrees even while installed.
37.6 mm
(1.48 in)
Ø13.2 mm
(0.52 in)
203.0 mm (7.99 in)
Full 360° rotation
178.7 mm (7.04 in)
0°, 45°, 90°
13.2mm
0.52in
203.0mm
7.99in
37.6mm
1.48in
13.2mm
0.52in
178.7mm
7.04in
Figure 1. ANT-915-IPW1-RPS Antenna Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com