Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-915-IPW1-RPS Datasheet(PDF) 11 Page - Linx Technologies

Part # ANT-915-IPW1-RPS
Description  915 MHz LPWA Weatherproof Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-915-IPW1-RPS Datasheet(HTML) 11 Page - Linx Technologies

Back Button ANT-915-IPW1-RPS Datasheet HTML 4Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 5Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 6Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 7Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 8Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 9Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 10Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 11Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Datasheet
ANT-915-IPW1-RPS
Radiation Patterns
Radiation patterns provide information about the directionality and 3-dimensional gain performance of the
antenna by plotting gain at specific frequencies in three orthogonal planes. Antenna radiation patterns for a
free space orientation are shown in Figure 16 using polar plots covering 360 degrees. The antenna graphic
at the top of the page provides reference to the plane of the column of plots below it. Note: when viewed
with typical PDF viewing software, zooming into radiation patterns is possible to reveal fine detail.
Radiation Patterns - Straight, No Ground Plane
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
902 MHz to 930 MHz (915 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
902 MHz
915 MHz
930 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Figure 16. Radiation Patterns for ANT-915-IPW1-RPS, Straight
Packaging Information
The ANT-915-IPW1-RPS antenna is packaged in a clear plastic bag. Distribution channels may offer
alternative packaging options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com