Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-915-IPW1-RPS Datasheet(PDF) 3 Page - Linx Technologies

Part # ANT-915-IPW1-RPS
Description  915 MHz LPWA Weatherproof Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-915-IPW1-RPS Datasheet(HTML) 3 Page - Linx Technologies

  ANT-915-IPW1-RPS Datasheet HTML 1Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 2Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 3Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 4Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 5Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 6Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 7Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 8Page - Linx Technologies ANT-915-IPW1-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Datasheet
ANT-915-IPW1-RPS
Antenna Orientation
The ANT-915-IPW1-RPS antenna is characterized in two antenna orientations as shown in Figure 2. The
antenna straight orientation characterizes use of an antenna attached to an enclosure-mounted connector
which is connected by cable to a printed circuit board. Although the antenna is a dipole not requiring a
ground plane for function, characterization with an adjacent ground plane, (102 mm x 102 mm) provides
insight into antenna performance when attached directly to a printed circuit board mounted connector. The
two orientations represent the most common end-product use cases.
On edge of ground plane, bent 90 degrees
Straight, without ground plane
Figure 2. ANT-915-IPW1-RPS Antenna on Evaluation PCB
LPWA: LoRaWAN® and Sigfox®
LoRaWAN and Sigfox LPWA technologies operate within several of the frequencies supported by the
915-IPW1-RPS antenna. Notably, LoRaWAN operates at the frequency bands shown in Table 3. Sigfox
operates at different frequencies determined by country (Table 4).
Table 3. LoRaWAN® Channel plan
Frequency Band
LoRaWAN Channel Plan
779 MHz to 787 MHz
CN779-787
865 MHz to 867 MHz
IN765-867
868 MHz to 873 MHz
EU863-870
902 MHz to 928 MHz
US902-928, AS923
915 MHz to 928 MHz
AU915-928
917 MHz to 923.5 MHz
KR920-923
Table 4. Sigfox® Frequencies by Country/Region
Center Frequency
Select Countries/Regions
868 MHz
Europe
902 MHz
USA, Mexico, Brazil
920 MHz
Australia
923 MHz
Japan
Packaging Information
The ANT-915-IPW1-RPS antenna is packaged in a plastic bag. Distribution channels may offer alternative
packaging options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com