Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8607
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices LT8607 Datasheet HTML 10Page - Analog Devices LT8607 Datasheet HTML 11Page - Analog Devices LT8607 Datasheet HTML 12Page - Analog Devices LT8607 Datasheet HTML 13Page - Analog Devices LT8607 Datasheet HTML 14Page - Analog Devices LT8607 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8607/LT8607B
11
Rev. D
For more information www.analog.com
OPERATION
The LT8607 is a monolithic constant frequency current
mode step-down DC/DC converter. An oscillator with
frequency set using a resistor on the RT pin turns on
the internal top power switch at the beginning of each
clock cycle. Current in the inductor then increases until
the top switch current comparator trips and turns off the
top power switch. The peak inductor current at which the
top switch turns off is controlled by the voltage on the
internal VC node. The error amplifier servos the VC node
by comparing the voltage on the VFB pin with an internal
0.778V reference. The LT8607-5 fixed output part uses
the VOUT pin and an internal resistor divider to generate
an internal FB node. When the load current increases, it
causes a reduction in the feedback voltage relative to the
reference leading the error amplifier to raise the VC volt-
age until the average inductor current matches the new
load current. When the top power switch turns off the
synchronous power switch turns on until the next clock
cycle begins or inductor current falls to zero. If overload
conditions result in excess current flowing through the
bottom switch, the next clock cycle will be delayed until
switch current returns to a safe level.
If the EN/UV pin is low, the LT8607 is shut down and
draws 1µA from the input. When the EN/UV pin is above
1.05V, the switching regulator becomes active.
To optimize efficiency at light loads, the LT8607 enters
Burst Mode operation during light load situations. Between
bursts, all circuitry associated with controlling the output
switch is shut down, reducing the input supply current to
1.7µA. In a typical application, 3.0µA will be consumed
from the input supply when regulating with no load. The
SYNC pin is tied low to use Burst Mode operation and can
be floated to use pulse-skipping mode. If a clock is applied
to the SYNC pin the part will synchronize to an external
clock frequency and operate in pulse-skipping mode. While
in pulse-skipping mode the oscillator operates continu-
ously and positive SW transitions are aligned to the clock.
During light loads, switch pulses are skipped to regulate
the output and the quiescent current will be several mA.
The SYNC pin may be tied high for spread spectrum modu-
lation mode, and the LT8607 will operate similar to pulse-
skipping mode but vary the clock frequency to reduce EMI.
The LT8607 DFN has no SYNC pin and will always operate
in Burst Mode operation. The LT8607B has no SYNC pin
and will operate in pulse-skipping mode.
Comparators monitoring the FB pin voltage will pull the PG
pin low if the output voltage varies more than ±8.5% (typi-
cal) from the set point, or if a fault condition is present.
In Burst Mode operation, the oscillator reduces the
LT8607's operating frequency when the voltage at the
FB pin is low, or the voltage at the VOUT pin is low on the
LT8607-5 fixed output option. This frequency foldback
helps to control the inductor current when the output volt-
age is lower than the programmed value which occurs
during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com