Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8607
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 2 Page - Analog Devices

  LT8607 Datasheet HTML 1Page - Analog Devices LT8607 Datasheet HTML 2Page - Analog Devices LT8607 Datasheet HTML 3Page - Analog Devices LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8607/LT8607B
2
Rev. D
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
FB, TR/SS . .................................................................4V
SYNC Voltage .............................................................6V
(Note 1)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8607EMSE#PBF
LT8607EMSE#TRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 125°C
LT8607IMSE#PBF
LT8607IMSE#TRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 125°C
LT8607HMSE#PBF
LT8607HMSE#TRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 150°C
LT8607EMSE-5#PBF
LT8607EMSE-5#TRPBF
LTHNY
10-Lead Plastic MSOP
–40°C to 125°C
LT8607JMSE-5#PBF
LT8607JMSE-5#TRPBF
LTHNY
10-Lead Plastic MSOP
–40°C to 150°C
LT8607EDC#TRMPBF
LT8607EDC#TRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 125°C
LT8607IDC#TRMPBF
LT8607IDC#TRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 125°C
LT8607HDC#TRMPBF
LT8607HDC#TRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 150°C
LT8607BEDC#TRMPBF
LT8607BEDC#TRPBF
LGXM
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 125°C
LT8607BIDC#TRMPBF
LT8607BIDC#TRPBF
LGXM
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 125°C
LT8607BHDC#TRMPBF
LT8607BHDC#TRPBF
LGXM
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 150°C
ORDER INFORMATION
LT8607
LT8607-5
LT8607/LT8607B
1
2
3
4
5
BST
SW
INTVCC
RT
SYNC
10
9
8
7
6
EN/UV
VIN
PG
TR/SS
FB
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
BST
SW
INTVCC
RT
SYNC
10
9
8
7
6
EN/UV
VIN
PG
TR/SS
VOUT
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
BST
SW
INTVCC
RT
EN/UV
VIN
PG
FB
DC PACKAGE
8-LEAD (2mm × 2mm) PLASTIC DFN
θJA = 102°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
9
GND
4
1
2
3
6
5
7
8
PIN CONFIGURATION
Operating Junction Temperature Range (Note 2)
LT8607E ............................................ –40°C to 125°C
LT8607I ............................................. –40°C to 125°C
LT8607J............................................. –40°C to 150°C
LT8607H............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com