Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8607
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 3 Page - Analog Devices

  LT8607 Datasheet HTML 1Page - Analog Devices LT8607 Datasheet HTML 2Page - Analog Devices LT8607 Datasheet HTML 3Page - Analog Devices LT8607 Datasheet HTML 4Page - Analog Devices LT8607 Datasheet HTML 5Page - Analog Devices LT8607 Datasheet HTML 6Page - Analog Devices LT8607 Datasheet HTML 7Page - Analog Devices LT8607 Datasheet HTML 8Page - Analog Devices LT8607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8607/LT8607B
3
Rev. D
For more information www.analog.com
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LT8607EMSE#WPBF
LT8607EMSE#WTRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 125°C
LT8607IMSE#WPBF
LT8607IMSE#WTRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 125°C
LT8607JMSE#WPBF
LT8607JMSE#WTRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 150°C
LT8607HMSE#WPBF
LT8607HMSE#WTRPBF
LTGXJ
10-Lead Plastic MSOP
–40°C to 150°C
LT8607EMSE-5#WPBF
LT8607EMSE-5#WTRPBF LTHNY
10-Lead Plastic MSOP
–40°C to 125°C
LT8607JMSE-5#WPBF
LT8607JMSE-5#WTRPBF LTHNY
10-Lead Plastic MSOP
–40°C to 150°C
LT8607EDC#WTRMPBF
LT8607EDC#WTRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 125°C
LT8607IDC#WTRMPBF
LT8607IDC#WTRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 125°C
LT8607JDC#WTRMPBF
LT8607JDC#WTRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 150°C
LT8607HDC#WTRMPBF
LT8607HDC#WTRPBF
LGXK
8-Lead Plastic (2mm × 2mm) DFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.5
3.0
3.2
V
VIN Current in Regulation
LT8607/LT8607B
VIN = 6V, VOUT = 2.7V, Output Load = 100µA
VIN = 6V, VOUT = 2.7V, Output Load = 1mA
l
l
56
500
90
700
µA
µA
LT8607-5
VIN = 12V, VOUT = 5V, ILOAD = 100µA
VIN = 12V, VOUT = 5V, ILOAD = 1mA
l
l
56
500
90
700
µA
µA
Feedback Reference Voltage
LT8607 MSOP Package
VIN = 6V, ILOAD = 100mA
VIN = 6V, ILOAD = 100mA
l
0.774
0.762
0.778
0.778
0.782
0.798
V
V
LT8607/LT8607B DFN Package
VIN = 6V, ILOAD = 100mA
VIN = 6V, ILOAD = 100mA
l
0.771
0.753
0.778
0.778
0.785
0.803
V
V
Output Reference Voltage
LT8607-5
VIN = 12V, ILOAD = 100mA
VIN = 12V, ILOAD = 100mA
l
4.970
4.890
5
5
5.030
5.110
V
V
Feedback Voltage Line Regulation
LT8607/LT8607B
VIN = 4.0V to 40V
l
0.02
0.04
%/V
Output Voltage Line Regulation
LT8607-5
VIN = 6.0V to 40V
l
0.02
0.04
%/V
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com