Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8607 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8607
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8607 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8607 Datasheet HTML 15Page - Analog Devices LT8607 Datasheet HTML 16Page - Analog Devices LT8607 Datasheet HTML 17Page - Analog Devices LT8607 Datasheet HTML 18Page - Analog Devices LT8607 Datasheet HTML 19Page - Analog Devices LT8607 Datasheet HTML 20Page - Analog Devices LT8607 Datasheet HTML 21Page - Analog Devices LT8607 Datasheet HTML 22Page - Analog Devices LT8607 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8607/LT8607B
19
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
5V, 2MHz Step-Down
3.3V, 2MHz Step-Down
12V, 1MHz Step-Down
C1
0.1µF
C2
4.7µF
X7R
1206
C3
1µF
C4
22µF
X7R
1206
8607 TA02
C5
10pF
L1
4.7µH
R1
18.2k
R2
1MΩ
R3
187k
L1: XFL4020-472ME
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
5.6V TO 42V
VOUT
5V
750mA
POWER
GOOD
fSW = 2MHz
C1
0.1µF
C2
4.7µF
X7R
1206
C3
1µF
C4
22µF
X7R
1206
8607 TA03
C5
10pF
L1
2.2µH
R1
18.2k
R2
1MΩ
R3
309k
L1: XFL3012-222ME
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
3.9V TO 42V
VOUT
3.3V
750mA
POWER
GOOD
fSW = 2MHz
C1
0.1µF
C2
4.7µF
X7R
1206
C3
1µF
C4
22µF
X7R
1206
8607 TA04
C5
10pF
L1
22µH
R1
40.2k
R2
1MΩ
R3
69.8k
L1: MSS6132-223ML
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
12.7V TO 42V
VOUT
12V
750mA
POWER
GOOD
fSW = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com