Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC62320NB Datasheet(PDF) 7 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320NB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320NB Datasheet(HTML) 7 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320NB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 7 of 8
4/11/2010
defined by a HIGH to LOW transition on the SDA line
while SCL line is HIGH. A “STOP” condition is defined by
a LOW to HIGH transition on the SDA line while SCL line
is HIGH. All data transfer in I2C system is 8-bits long. Each
byte has to be followed by an acknowledge bit. Each data
transfer involves a total of 9 clock cycles. Data is
transferred starting with the most significant bit (MSB).
After a “START” condition, master device calls a specific
slave device, in our case, the Memsic accelerometer with a
7-bit device address. To avoid potential address conflict,
either by ICs from other manufacturers or by other Memsic
accelerometers on the same bus, a total of 8 different
addresses can be programmed into a Memsic device at the
factory.
Following the 7-bit address, the 8th bit determines the
direction of data transfer: [1] for READ and [0] for
WRITE. After being addressed, the available Memsic
device being called will respond by an “Acknowledge”
signal, which is pulling SDA line LOW.
In order to read an acceleration signal, the master device
should operate a WRITE action with a code of [xxxxxxx0]
into the Memsic device 8-bit internal register.
Bit Name
Function
0
PD (Power Down)
Power down [1]/on [0]
1
ST (Self-test)
Self-test on [1]/off [0]
2
BGTST (bandgap test)
Bandgap test [1]/normal[0]
3
TOEN
(temperature
out enable)
Temp Out EN [1]/disable[0]
The ST bit serves as a self-test function to verify the
Memsic accelerometer is operating properly. BGTST is
used to calibrate the temperature output signal’s initial
offset. By flipping the BGTST bit and taking the average of
two readings, the temperature output initial offset will be
calibrated to within datasheet specifications.
After writing code of [xxxxxxx0] into the control register,
if a “READ” signal is received, during next 9 clock cycles,
the Memsic device being called will transfer 8-bits of data
to the I2C bus. If an “Acknowledge” by master device is
received, the Memsic device will continue to transfer the
next byte. The same procedure repeats until 5 bytes of data
are transferred to master device. Those 5 bytes of data are
defined as following (“T” is temperature output):
1. Internal register
2. MSB X/T axis
3. LSB X/T axis
4. MSB Y axis
5. LSB Y axis
Even though each axis consists of two bytes, which are 16-
bits of data, the actual accelerometer resolution is limited to
either 12 bits or 10 bits, which depends on an internal
output register refresh rate. Unused MSB’s will be simply
filled by “0”s.
Note that temperature output shares the same registers with
X channel output. Customer can select which signal needs
to be read out by using TOEN bit.
Resolution
10 bits
12 bits
Refreshing rate
400Hz
100Hz
Zero-G Offset
512
2048
Note: 20mS (MXC6232xG/M) and 5mS (MXC6232xHN)
typical waiting time is necessary between each data
acquisition.
The master can stop slave data transfer after any of the five
bytes by not sending an acknowledge command and
followed by a “STOP” condition.
POWER DOWN MODE
The Memsic accelerometer can enter a power down mode
by the master device writing a code of [xxxxxxx1] into the
accelerometer’s internal register. A wake up operation is
performed when the master writes into the same register a
code of [xxxxxxx0]. Note that the MXC6232xG/H/M/N
needs about 75mS (typical) for power up time.
EXAMPLE OF DATA COMMUNICATION
First cycle: START followed by a calling to slave address
[0010xxx] to WRITE (8th SCL, SDA keep low). [xxx] Is
determined by factory programming, a total of 8 different
addresses are available.
Second cycle: After an acknowledge signal is received by
the master device (Memsic device pulls SDA line low
during 9th SCL pulse), master device sends “[00000000]” as
the target address to be written into. Memsic device should
acknowledge at the end (9th SCL pulse). Note: since
Memsic device has only one internal register that can be
written into, user should always indicate “[00000000]” as
the write address.
Third cycle: Master device writes to internal Memsic device
memory code “[xxxxxxx0]” as a wake-up call. The Memsic
device should send acknowledge signal. A STOP command
indicates the end of write operation. A 75msS (typical) wait
period should be given to Memsic device to return from a
power-down mode. The delay value depends on the type of
Memsic device. Generally speaking, low power products
tend to have longer startup time.
Fourth cycle: Master device sends a START command
followed by calling Memsic device address with a WRITE
(8th SCL, SDA keep low). An “acknowledge” should be
sent by Memsic device at the end.
Fifth cycle: Master device writes to Memsic device a
“[00000000]” as the starting address for which internal
memory is to be read. Since “[00000000]” is the address of
internal control register, reading from this address can serve
as a verification of operation and to confirm the write
command has been successful. Note: the starting address in
principle can be any of the 5 addresses. For example, user
can start read from address [0000001], which is X channel
MSB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com