Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC62320NB Datasheet (PDF) - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320NB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
File Size   236.31 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320NB Datasheet (PDF) - MEMSIC Semiconductor (Tianjin) Co., Ltd.



Similar Part No. - MXC62320NB

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXC62350QB MEMSIC-MXC62350QB Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62350QP MEMSIC-MXC62350QP Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62351QB MEMSIC-MXC62351QB Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62351QP MEMSIC-MXC62351QP Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62352QB MEMSIC-MXC62352QB Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
More results


Similar Description - MXC62320NB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXC6202G ETC1-MXC6202G Datasheet
965Kb / 10P
Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
VTI technologies
SCA3000-D02 VTI-SCA3000-D02 Datasheet
211Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com