Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC62320NB Datasheet(PDF) 1 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320NB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320NB Datasheet(HTML) 1 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320NB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 1 of 8
4/11/2010
Low Power, Low Profile
±2 g Dual Axis Accelerometer with
I2C Interface
MXC6232xG/H/M/N
FEATURES
RoHS compliant
I2C Slave, FAST (≤400 KHz.) mode interface
1.8V compatible IO
Embedded Power up/down and self-test function
On-chip temperature sensor available
Eight customer defined 7-bit addresses
2.7 V to 3.6 V single supply continuous operation
Monolithic CMOS IC
Low power consumption: typically <2 mA @ 3.0 V
Resolution better than 1 mg
On chip mixed signal processing
>50,000 g shock survival rating
Low profile LCC package: 5mm X 5mm X 1.55mm
APPLICATIONS
Information Appliances – Cell Phones, PDA’s, Computer
Peripherals
Consumer – LCD Projectors, Pedometers, Blood Pressure
Monitor, Digital Cameras
Gaming – Joystick/RF Interface/Menu Selection/Tilt
Sensing
GPS
– Electronic Compass Tilt Correction, Dead
Reckoning Assist
GENERAL DESCRIPTION
The MXC6232xG/H/M/N is low cost, dual axis
accelerometers fabricated on a standard, submicron CMOS
process. It is a complete sensing system with on-chip
mixed signal processing and integrated I2C bus, allowing
the device to be connected directly to a microprocessor
eliminating the need for A/D converters or timing
resources. The MXC6232xG/H/M/N measures acceleration
with a full-scale range of
±2 g and a sensitivity of
512counts/g (G/M) or 128counts/g (H/N) @3.0 V at 25°C.
It can measure both dynamic acceleration (e.g. vibration)
and static acceleration (e.g. gravity). The
MXC6232xG/H/M/N design is based on heat convection
and requires no solid proof mass.
VDD
VREF
CLK
TP
PD
CLK
CLKTEMP
CLK
CLK
TEMP
A/D
CLK
CLK TEMP CLK
Temp
Comp.
Temp
Comp.
X aixs
Y aixs
CLK
Heater
Control
TEMP
No
Connect
No
Connect
SCL
SDA
IIC Convertor
A/D
Temperature
Sensor
Internal
Oscillator
Coarse
Gain Adj.
Fine Gain
Adj.
GND
Acceleration
Sensor
Coarse
Gain Adj.
Fine Gain
Adj.
MXC6232xG/H/M/N FUNCTIONAL BLOCK DIAGRAM
This design eliminates the stiction problems associated with
legacy technologies and provides shock survival greater
than 50,000g’s. Memsic’s solid state design leads to
significantly lower failure rates in customer applications
and lower loss due to handling during manufacturing and
assembly processes
The MXC6232xG/H/M/N is packaged in a hermetically
sealed, low profile LCC surface mount package (5 mm x 5
mm x 1.55 mm) and is available in operating temperature
ranges of 0
°C to +70°C (G/H) and-40°C to +85°C(M/N).
The MXC6232xG/H/M/N provides I2C digital output with
400 KHz, fast mode operation.
The maximum noise floor is 1 mg/ Hz allowing signals
below 1mg to be resolved at 1 Hz bandwidth
Information furnished by MEMSIC is believed to be accurate and reliable. However,
no responsibility is assumed by MEMSIC for its use, or for any infringements of
patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of MEMSIC.
©MEMSIC, Inc.
One Technology Drive Suite 325,Andover MA01810,USA
Tel: 978.738.0900
Fax: 978.738.0196
www.memsic.com


Similar Part No. - MXC62320NB

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXC62350QB MEMSIC-MXC62350QB Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62350QP MEMSIC-MXC62350QP Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62351QB MEMSIC-MXC62351QB Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62351QP MEMSIC-MXC62351QP Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
MXC62352QB MEMSIC-MXC62352QB Datasheet
280Kb / 9P
Ultra High Performance 짹1.5 g Dual Axis Accelerometer with I2C Interface
Rev.C
More results

Similar Description - MXC62320NB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXC6202G ETC1-MXC6202G Datasheet
965Kb / 10P
Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
VTI technologies
SCA3000-D02 VTI-SCA3000-D02 Datasheet
211Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com