Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXC62320NB Datasheet(PDF) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320NB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320NB Datasheet(HTML) 2 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320NB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320NB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 2 of 8
4/11/2010
ELECTRICAL CHARACTERISTICS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD = 3.0V unless
otherwise specified)
Parameter
Conditions
Min
Typ
Max
Units
Measurement Range1
Each Axis
±2.0
G
Nonlinearity
Best fit straight line
0.5
1.0
% of FS
Alignment Error2
±1.0
degrees
Transverse Sensitivity3
±2.0
%
486
512
538
counts/g
Sensitivity
MXC6232xG/M
MXC6232xH/N
118
128
138
counts/g
Sensitivity Change Over Temperature
Δ from 25°C
MXC6232xG/H
MXC6232xM/N
-10
-15
+8
+10
%
%
Zero g Offset Bias Level
MXC6232xG/M
MXC6232xH/N
1996
492
2048
512
2100
532
counts
counts
Zero g Offset TC
Δ from 25°C
0.8
mg/
°C
Tout
MXC6232xG/M
MXC6232xH/N
2550
635
2710
675
2870
715
counts
counts
Tout Sensitivity
MXC6232xG/M
MXC6232xH/N
2.00
0.48
2.33
0.58
2.60
0.68
counts/
°C
counts/
°C
Noise Density, RMS
within 20Hz
0.7
1.0
mg/ Hz
Resolution
@ 1Hz. BW
0.5
1.0
mg
Frequency Response
@ -3dB
15
17
19
Hz
Self-test
1.7
2.2
2.7
G
Output Drive Capability
@ 2.7 V – 3.6 V
100
μA
Turn-On Time4
75
100
mS
Operating Voltage Range
2.7
3.0
3.6
V
Supply Current
1.8
2.5
mA
Power Down Current
1.0
μA
Operating Temperature Range
MXC6232xG/H
MXC6232xM/N
0
-40
+70
+85
°C
°C
NOTES:
1 Guaranteed by measurement of initial offset and sensitivity
2 Alignment error is specified as the angle between the true and indicated
axis of sensitivity
3 Cross axis sensitivity is the algebraic sum of the alignment and the
inherent sensitivity errors
4 Output settled to within ± 17mg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com