Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMFJ Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4SMFJ
Description  Surface Mount - 400W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4SMFJ Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4SMFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev : 01.06.2019
www.leiditech.com
2/7
Maximum Ratings and Electrical Characteristics
(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
TA=25℃
by
10x1000μs
waveform
(Fig.2)(Note 1) (Note 2)
PPPM
400
W
Power Dissipation on infinite heat sink at
TA=50℃
PD
6.5
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave Unidirectional
only(Note 3)
IFSM
300
A
Maximum
Instantaneous
Forward
Voltage at 100A for Unidirectional only
VF
3.5V/5.0
V
Operating
Junction
and
Storage
Temperature Range
TJ, TSTG
-55 to +
150
℃
Typical Thermal Resistance Junction to
Lead
RuJL
15
℃/W
Typical Thermal Resistance Junction to
Ambient
RuJA
75
℃/W
Notes:
1. Non-repetitive current pulse, per Fig.3and derated above TA=25℃ per Fig. 2.
2. Mounted on copper pad area of 0.31x0.31” (8.0 x 8.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only, duty cycle=4 per minute maximum.
Surface Mount – 400W >
Series
P4SMFJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com