Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMFJ Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4SMFJ
Description  Surface Mount - 400W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4SMFJ Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4SMFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev : 01.06.2019
www.leiditech.com
5/7
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figu re 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Surface Mount – 400W >
Series
P4SMFJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com