Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMFJ Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4SMFJ
Description  Surface Mount - 400W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4SMFJ Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4SMFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev : 01.06.2019
www.leiditech.com
3/7
Electrical Characteristics
PART NUMBER
BI- POLAR
UNI-POLAR
VRWM
(V)
VBR
MIN(V)
VBR
MAX(V)
IT
(mA)
IR
(µA)
Ipp
(A)
Vc
(v)
P4SMFJ5.0CA
P4SMFJ5.0A
5.0
6.4
7.25
10
800
43.48
9.2
P4SMFJ6.0CA
P4SMFJ6.0A
6.0
6.67
7.67
10
800
38.83
10.3
P4SMF J6.5CA
P4SMFJ6.5A
6.5
7.22
8.30
10
500
35.71
11.2
P4SMFJ7.0CA
P4SMFJ7.0 A
7.0
7.78
8.95
10
100
33.33
12.0
P4SMFJ7.5CA
P4SMFJ7.5A
7.5
8.33
9.58
1
100
31.01
12.9
P4SMFJ8.0CA
P4SMFJ8.0A
8.0
8.89
10.23
1
50
29.41
13.6
P4SMFJ8.5CA
P4SMFJ8.5 A
8.5
9.44
10.82
1
20
27.78
14.4
P4SMFJ9.0CA
P4SMFJ9.0 A
9.0
10.00
11.50
1
10
25.97
15.4
P4SMFJ10CA
P4SMFJ10A
10.0
11.1
12.30
1
10
23.53
17.0
P4SMFJ11CA
P4SMFJ11A
11.0
12.20
14.00
1
1
21.98
18.2
P4SMFJ12CA
P4SMFJ12A
12.0
13.30
14.70
1
1
20.10
19.9
P4SMFJ13CA
P4SMFJ13A
13.0
14.40
16.50
1
1
18.60
21.5
P4SMFJ14CA
P4SMFJ14A
14.0
15.60
17.20
1
1
17.24
23.2
P4SMFJ15CA
P4SMFJ15A
15.0
16.70
19.20
1
1
16.39
24.4
P4SMFJ16CA
P4SMFJ16A
16.0
17.80
19.70
1
1
15.38
26.0
P4SMFJ17CA
P4SMFJ17A
17.0
18.90
21.70
1
1
14.49
27.6
P4SMFJ18CA
P4SMFJ18A
18.0
20.00
23.30
1
1
13.70
29.2
P4SMFJ20CA
P4SMFJ20A
20.0
22.20
25.50
1
1
12.35
32.4
P4SMFJ22CA
P4SMFJ22A
22.0
24.20
28.00
1
1
11.27
35.5
P4SMFJ24CA
P4SMFJ24A
24.0
26.0
30.0
1
1
10.28
38.9
P4SMFJ26CA
P4SMFJ26A
26.0
28.00
33.20
1
1
9.50
42.1
P4SMFJ28CA
P4SMFJ28A
28.0
31.10
35.80
1
1
8.81
45.4
P4SMFJ30CA
P4SMFJ30A
30.0
33.00
38.30
1
1
8.26
48.4
P4SMFJ33CA
P4SMFJ33A
33.0
36.70
42.20
1
1
7.50
53.3
Surface Mount – 400W >
Series
P4SMFJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com