Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMFJ Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4SMFJ
Description  Surface Mount - 400W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4SMFJ Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4SMFJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P4SMFJ Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Surface Mount – 400W >
Series
P4SMFJ
Rev : 01.06.2019
www.leiditech.com
1/7
Description
The P4SMFJ series is designed specifically
to protect sensitive electronic equipment
from voltage transients induced by lightning
and other transient voltage events.
Features
400W peak pulsepower capability at 10 x 1000μs waveform, repetition rate (duty cycle):
0.01%
Glass Passivated chip junction
For surface mounted applications to optimize board space
Low profile package
Built-in strain relief
Low incremental surge resistance
Excellent clamping capability
Plastic package has UL flammability classification 94V-O
Fast response time: typically less than 1.0ps from 0 Volts to BV min
Typical IR less than 5uA above 22V
High temperature soldering: 260°C/40 seconds at terminals
IEC-61000-4-2 ESD 15KV(Air),8KV(Contact)
ESD protection of data lines in accordance with IEC 61000-4-2(IEC801-2)
EFT protection of data lines in accordance with IEC61000-4-4(IEC801-4)
Applications
TVS devices are ideal for the protection of I/O Interfaces, VCC bus and other
vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic
applications.
AEC -Q101 qualified.


Similar Part No. - P4SMFJ

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
P4SMFJ-A YEASHIN-P4SMFJ-A Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMFJ10 YEASHIN-P4SMFJ10 Datasheet
1,002Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ10 YEASHIN-P4SMFJ10 Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMFJ10 YEASHIN-P4SMFJ10 Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
DIYI Electronic Technol...
P4SMFJ10 DYELEC-P4SMFJ10 Datasheet
2Mb / 4P
For surface mounted applications in order to optimize board space
More results

Similar Description - P4SMFJ

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
logo
Diodes Incorporated
SMAJ30A-13 DIODES-SMAJ30A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
400W Peak Power Surface Mount TVS
logo
Littelfuse
SMF4L LITTELFUSE-SMF4L Datasheet
1Mb / 6P
TVS Diodes Surface Mount ??400W
logo
SeCoS Halbleitertechnol...
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
400W Peak Power Surface Mount TVS
logo
Shanghai Leiditech Elec...
P4SMA LEIDITECH-P4SMA Datasheet
1Mb / 7P
Surface Mount ??400W
logo
Diodes Incorporated
P4SMAJ20ADF-13 DIODES-P4SMAJ20ADF-13 Datasheet
461Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com