Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LTC7067
7
Rev. 0
For more information www.analog.com
VCC: VCC Supply. IC bias supply referred to the SGND pin.
An internal 4.5V supply is generated from the VCC supply
to bias all the internal circuitry. A bypass capacitor with a
minimum value of 0.1μF should be tied between this pin
and the SGND pin.
G2VCC: G2 MOSFET Driver Supply. The G2 MOSFET gate
driver is biased between this pin and G2RTN pin. An exter-
nal capacitor should be tied between this pin and G2RTN
and placed close to the IC.
G2RTN: G2 MOSFET Driver Return. The G2 gate driver is
biased between G2VCC and G2RTN. Kelvin connect G2RTN
to the G2 MOSFET source pin for high noise immunity.
The voltage difference between the G2RTN pin and the
SGND can be −10V to 150V.
G2: G2 MOSFET Gate Driver Output. This pin drives the
gate of the N-channel MOSFET between G2RTN and
G2VCC.
G1VCC: G1 MOSFET Driver Supply. The G1 MOSFET gate
driver is biased between this pin and the G1RTN pin. An
external capacitor should be tied between this pin and the
G1RTN pin and placed close to the IC.
G1RTN: G1 MOSFET Driver Return. The G1 gate driver is
biased between G1VCC and G1RTN. Kelvin connect G1RTN
to the G1 MOSFET source pin for high noise immunity.
The voltage difference between the G1RTN pin and SGND
can be −10V to 150V.
G1: G1 MOSFET Gate Driver Output. This pin drives
the gate of the N-channel MOSFET between G1RTN
and G1VCC.
G1IN: Logic input for G1-side driver. If G1IN is unbiased
or floating, G1 is held low.
G2IN: Logic input for G2-side driver. If G2IN is unbiased
or floating, G2 is held low.
FLT: Open Drain Fault Output pin referred to the SGND pin.
Open-drain output that pulls to SGND during VCC UVLO/
OVLO and floating supplies UVLO condition. The typical
pull-down resistor is 60Ω.
SGND: Chip Ground. The exposed pad must be soldered
to the PCB ground for electrical contact and for rated
thermal performance.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com