Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC7067
9
Rev. 0
For more information www.analog.com
OPERATION
Overview
The LTC7067 has two ground-referenced, low voltage dig-
ital signal inputs to drive two N-channel high-side power
MOSFETs. The output G2 is driven high or low, swinging
between G2VCC and G2RTN, depending on the G2IN pin.
Similarly, the output G1 is swinging between G1VCC and
G1RTN. Each channel is controlled by its input pins (G1IN
and G2IN), allowing independent flexibility to control on
and off state of the output.
Both the G1 and G2 drivers are high-side gate drivers.
LTC7067 features robust drive with excellent noise
and transient immunity, including large negative ground
difference tolerance (−10V) on switch node (G1RTN,
G2RTN). The two drivers are symmetric and indepen-
dent of each other, allowing G1 and G2 complementary
or non-complementary switching.
VCC Supply
VCC is the power supply for the LTC7067’s internal cir-
cuitry. An internal 4.5V supply is generated from the
VCC supply to bias all the internal circuits referred to
SGND. The VCC pin may be tied to the G2VCC pin if SGND
and G2RTN are at the same potential. VCC is independent
of VIN.
Input Stage (G1IN, G2IN)
The LTC7067 employs two logic inputs with fixed tran-
sition thresholds. When the voltage on G1IN is greater
than the threshold VIH(G1IN), G1 is pulled up to G1VCC,
turning the external MOSFET on. This MOSFET will stay
on until G1IN falls below VIL(G1IN). Similarly, when G2IN
is greater than VIH(G2IN), G2 is pulled up to G2VCC, turning
the external MOSFET on. G2 will stay high until G2IN falls
below the threshold VIL(G2IN).
The hysteresis between the corresponding VIH and VIL
voltage levels eliminates false triggering due to the noise
during switch transitions. However, care should be taken to
keep noise from coupling into the input pins (G1IN, G2IN),
particularly in high frequency, high voltage applications.
When G1IN/G2IN pin is floating, there is an internal 1000k
pull-down resistor from the G1IN/G2IN pin to SGND, keep-
ing the G1/G2 default state low if the input is not driven.
Both G1IN and G2IN pin can be used by the controller IC
to perform the Discontinuous Conduction Mode (DCM)
in switching regulator applications.
Output Stage
A simplified version of the LTC7067’s output stage is
shown in Figure 1. Both G1 and G2 designs are sym-
metrical and have floating gate-driver outputs. The
pull-up device is a P-channel MOSFET with a typical
1.5Ω RDS(ON) and the pull-down device is a N-channel
MOSFET with a typical 0.8Ω RDS(ON). The wide driver
supply voltage ranging from 4V to 14V enables driving
different power MOSFETs, such as logic level or high
threshold MOSFETs. However, LTC7067 is optimized for
high threshold MOSFETs (e.g., G1VCC – G1RTN = 10V
and G2VCC – G2RTN = 10V). The driver output pull-up
and pull-down resistance may increase with lower driver
supply voltage.
Figure 1. Simplified Output Stage
1.5
0.8
0.8
1.5
CGD
CGS
CGD
CGS
LTC7067
G1VCC
G1
G1RTN
G2VCC
G2
G2RTN
VIN
FLOATING
GROUND
VIN
FLOATING
GROUND
7067 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com