Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices LTC4449 Datasheet HTML 12Page - Analog Devices LTC4449 Datasheet HTML 13Page - Analog Devices LTC4449 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LTC7067
11
Rev. 0
For more information www.analog.com
Bootstrapped Supply (G2VCC – G2RTN, G1VCC – G1RTN)
Either or both of the G2VCC – G2RTN and G1VCC – G1RTN
supplies can be bootstrapped supplies. An external boost
capacitor, CB, connected between G2VCC and G2RTN, or
between G1VCC and G1RTN, supplies the gate driver volt-
age for its respective MOSFET driver. When the external
MOSFET is turned on, the driver places the CB voltage
across the gate-source of the MOSFET. This enhances the
MOSFET and turns it on.
The charge to turn on the external MOSFET is referred to
gate charge, QG, and is typically specified in the external
MOSFET data sheet. The boost capacitor, CB, needs to
have at least 10 times the gate charge to turn on the
external MOSFET fully. Gate charge can range from 5nC
to hundreds of nC and is influenced by the gate drive level
and type of external MOSFET used. For most applica-
tions, a capacitor value of 0.1μF for CB will be sufficient.
However, if multiple MOSFETs are paralleled and drove
by the LTC7067, CB needs to be increased correspond-
ingly and the following relationship for the CB should be
maintained:
CB >
10
•ExternalMOSFET QG
1V
An external supply, typically VCC connected through a
Schottky diode, is required to keep the CB charged. The
LTC7067 does not charge the CB and always discharges
the CB. When the G2/G1 is high, the total current from
G2VCC/G1VCC to G2RTN/G1RTN and SGND is typically
146µA; when the G2/G1 is low, the total current from
G2VCC/G1VCC is typically 9µA.
POWER DISSIPATION
To ensure proper operation and long-term reliability, the
LTC7067 must not operate beyond its maximum tem-
perature rating. Package junction temperature can be
calculated by:
TJ = TA + (PD)(θJA)
APPLICATIONS INFORMATION
where:
TJ = junction temperature
TA = ambient temperature
PD = power dissipation
θJA = junction-to-ambient thermal resistance
Power dissipation consists of standby, switching and
capacitive load power losses:
PD = PDC + PAC + PQG
where:
PDC = quiescent power loss
PAC = internal switching loss at input frequency fIN
PQG = loss due to turning on and off external MOSFET
with gate charge QG at frequency fIN
The LTC7067 consumes very little quiescent current. The
DC power loss at VCC = 10V is only (10V)(0.3mA) = 3mW.
At a particular switching frequency, the internal power
loss increases due to both AC currents required to charge
and discharge internal nodal capacitances and cross-con-
duction currents in the internal logic gates. The sum of the
quiescent current and internal switching current with no
load are shown in the Typical Performance Characteristics
plot of Switching Supply Current vs Load Capacitance.
The gate charge losses are primarily due to the large AC
currents required to charge and discharge the capacitance
of the external MOSFETs during switching. For identical
pure capacitive loads CLOAD on BG and TG at switching
frequency fIN, the load losses would be:
PCLOAD = (CLOAD)(fIN)[(VG1VCC-G1RTN)2 +
(VG2VCC-G2RTN)2]
In a typical synchronous buck configuration, the VCC is
connected to the power for the bottom MOSFET driver,
G2VCC. VG1VCC–G1RTN is equal to VCC – VD, where VD is
the forward voltage drop of the external Schottky diode
between VCC and G1VCC. If this drop is small relative VCC,
the load losses can be approximated as:
PCLOAD ≈ 2(CLOAD)(fIN)(VCC)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com