Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 3 Page - Analog Devices

  LTC4449 Datasheet HTML 1Page - Analog Devices LTC4449 Datasheet HTML 2Page - Analog Devices LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC7067
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply and VCC Supply
VIN
Input Supply Operating Range
140
V
VCC
IC Supply Operating Range
5
14
V
IVCC
VCC Supply Current
VG1IN = VG2IN = 0V
0.3
mA
VUVLO_VCC
VCC Undervoltage Lockout Threshold
VCC Falling
4.3
V
Hysteresis
0.2
V
VOVLO_VCC
VCC OVLO Threshold
VCC Rising
14.6
V
Hysteresis
0.8
V
G1 Gate Driver Supply (G1VCC – G1RTN)
VG1VCC–G1RTN
G1 Driver Supply Voltage Range
(With Respect to G1RTN)
4
14
V
IG1VCC
Total G1VCC Current (Note 4)
G1 = L
8.9
µA
G1 = H
146
µA
VUVLO_G1VCC
Undervoltage Lockout Threshold
G1VCC Falling, Respect to G1RTN
3.4
V
Hysteresis
0.3
V
G2 Gate Driver Supply (G2VCC – G2RTN)
VG2VCC–G2RTN
G2 Driver Supply Voltage Range
(With Respect to G2RTN)
4
14
V
IG2VCC
Total G2VCC Current (Note 4)
G2 = L
8.9
µA
G2 = H
146
µA
VVUVLO_G2VCC
Undervoltage Lockout Threshold
G2VCC Falling, Respect to G2RTN
3.4
V
Hysteresis
0.3
V
Input Signal (G1IN, G2IN)
VIH(G1IN)
G1 Turn-On Input Threshold
G1IN Rising
1.75
V
VIL(G1IN)
G1 Turn-Off Input Threshold
G1IN Falling
0.5
V
VIH(G2IN)
G2 Turn-On Input Threshold
G2IN Rising
1.75
V
VIL(G2IN)
G2 Turn-Off Input Threshold
G2IN Falling
0.5
V
RDOWN_G1IN
G1IN Internal Pull-Down Resistor
1000
kΩ
RDOWN_G2IN
G2IN Internal Pull-Down Resistor
1000
kΩ
FAULT (FLT)
RFLTb
FLT Pin Pull-Down Resistor
60
Ω
tFLTb
FLT Pin Delay
Low to High
100
µs
Gate Driver Output (G1)
VOH(G1)
G1 High Output Voltage
IG1 = −100mA, VOH(G1) = VG1VCC – VG1
150
mV
VOL(G1)
G1 Low Output Voltage
IG1 = 100mA, VOL(G1) = VG1 – VG1RTN
80
mV
RG1_UP
G1 Pull-Up Resistance
VG1VCC–G1RTN =10V
1.5
Ω
RG1_DOWN
G1 Pull-Down Resistance
VG1VCC–G1RTN =10V
0.8
Ω
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VG1VCC = VG2VCC =10V, VG1RTN = VG2RTN = 0V, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com