Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1419084 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1419084
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419084 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1419084 Datasheet HTML 1Page - PHOENIX CONTACT 1419084 Datasheet HTML 2Page - PHOENIX CONTACT 1419084 Datasheet HTML 3Page - PHOENIX CONTACT 1419084 Datasheet HTML 4Page - PHOENIX CONTACT 1419084 Datasheet HTML 5Page - PHOENIX CONTACT 1419084 Datasheet HTML 6Page - PHOENIX CONTACT 1419084 Datasheet HTML 7Page - PHOENIX CONTACT 1419084 Datasheet HTML 8Page - PHOENIX CONTACT 1419084 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 3 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Technical data
Cable
Cable weight
56.552 kg/km
Tensile strength GRP
260 N
Outer sheath, material
PVC
Material conductor insulation
PO (Signal line)
Conductor material
Tin-plated Cu litz wires
Conductor resistance
≤ 19.35 Ω/km (Signal line)
26 Ω/km (shield)
Working capacitance
78 nF (at 1 kHz)
Cable capacity
147 pF/m (at 1 kHz, core/shield)
≤ 3.94 pF/m (capacitance unbalance)
Signal speed
0.66 c
Shield attenuation
3 dB/km (at 39 kHz)
Cable impedance
100 Ω ±20 % (At 31.25 kHz)
Conductor inductance
0.6233 µH/m
Nominal voltage, cable
300 V
Special properties
UL standards PLTC-ER and ITC
Flame resistance
UL 1685 (CSA FT 4)
UL 1685 (vertical tray)
UL 1666 (riser)
Ambient temperature (operation)
-40 °C ... 105 °C (cable, fixed installation)
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Dimensional drawing
M12 x 1 socket, straight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com