Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1419084 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1419084
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419084 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 1419084 Datasheet HTML 2Page - PHOENIX CONTACT 1419084 Datasheet HTML 3Page - PHOENIX CONTACT 1419084 Datasheet HTML 4Page - PHOENIX CONTACT 1419084 Datasheet HTML 5Page - PHOENIX CONTACT 1419084 Datasheet HTML 6Page - PHOENIX CONTACT 1419084 Datasheet HTML 7Page - PHOENIX CONTACT 1419084 Datasheet HTML 8Page - PHOENIX CONTACT 1419084 Datasheet HTML 9Page - PHOENIX CONTACT 1419084 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 7 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Accessories
Data connector - SACC-FS-4QO SH PBPA SCO - 1413934
Data connector, PROFIBUS PA (31.25 kbps), 2-position, halogen-free, shielded, Socket straight M12 SPEEDCON,
Coding: A, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 5
mm ... 9.7 mm
 
 
Data connector - SACC-MS-4QO SH PBPA SCO - 1413933
Data connector, PROFIBUS PA (31.25 kbps), 2-position, halogen-free, shielded, Plug straight M12 SPEEDCON,
Coding: A, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 5
mm ... 9.7 mm
 
 
Corrugated pipe
Protective hose - WP-PA HF 13,0 BK - 3240681
Polyamide protective hose, inflammability class V0, UV resistant
 
 
Protective hose - WP-PA HF-HB 13,0 BK - 3240839
Polyamide protective hose, inflammability class HB, UV resistant
 
 
Cutting tools
Cable-cutting tool - CUTFOX 12 - 1212128
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm²)
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com