Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1419084 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1419084
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419084 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1419084 Datasheet HTML 1Page - PHOENIX CONTACT 1419084 Datasheet HTML 2Page - PHOENIX CONTACT 1419084 Datasheet HTML 3Page - PHOENIX CONTACT 1419084 Datasheet HTML 4Page - PHOENIX CONTACT 1419084 Datasheet HTML 5Page - PHOENIX CONTACT 1419084 Datasheet HTML 6Page - PHOENIX CONTACT 1419084 Datasheet HTML 7Page - PHOENIX CONTACT 1419084 Datasheet HTML 8Page - PHOENIX CONTACT 1419084 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 2 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Technical data
General
Signal type/category
PROFIBUS PA, 31.25 kbps
Status display
No
Overvoltage category
II
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
HB
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Stainless steel
Sealing material
NBR
Pin assignment
Contact | Color (signal designation) | Contact (optional)
1 (Socket) | OG (DATA+)
3 (Socket) | BU (DATA-)
4 (Socket) | SR (shield)
Standards and Regulations
Flammability rating according to UL 94
HB
Cable
Cable type
Fieldbus FOUNDATION/PROFIBUS PA, blue
Cable type (abbreviation)
961
Cable structure
2xAWG18/7 + 1xAWG20/7
Conductor cross section
2x 0.75 mm² (Signal line)
1x 0.5 mm² (Drain wire)
AWG signal line
18
Conductor structure signal line
7x 0.40 mm
Core diameter including insulation
2.24 mm ±0.05 mm
Thickness, insulation
0.5 mm
Wire colors
Blue, orange
Twisted pairs
2 cores to the pair
Overall twist
One pair with one drain wire and fillers for core
Shielding
Plastic-coated aluminum foil with a drain wire
Optical shield covering
100 %
External sheath, color
blue RAL 5015
Outer sheath thickness
1 mm
External cable diameter D
7.5 mm ±0.25 mm
Smallest bending radius, fixed installation
75 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com