Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1419084 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1419084
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419084 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1419084 Datasheet HTML 2Page - PHOENIX CONTACT 1419084 Datasheet HTML 3Page - PHOENIX CONTACT 1419084 Datasheet HTML 4Page - PHOENIX CONTACT 1419084 Datasheet HTML 5Page - PHOENIX CONTACT 1419084 Datasheet HTML 6Page - PHOENIX CONTACT 1419084 Datasheet HTML 7Page - PHOENIX CONTACT 1419084 Datasheet HTML 8Page - PHOENIX CONTACT 1419084 Datasheet HTML 9Page - PHOENIX CONTACT 1419084 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 8 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Accessories
Diagonal cutter - CUTFOX-S VDE - 1212207
Diagonal cutter for hard (piano wire) and soft wires, VDE 1000 V AC/1500 V DC tested
 
 
Electronics pliers
Diagonal cutter - MICROFOX-SP-1 - 1212487
Electronic diagonal cutter, tapered head, without chamfer, with opening spring, non-reflective phosphate-treated
surface, punched version
 
 
Screwdriver tools
Adapter insert - TSD-M SAC-BIT ADAPTER - 1212600
Adapter bit for TSD-M...torque tools, E6.3-1/4" drive with 4 mm hexagon to accommodate SAC bits
 
 
Adapter - SAC BIT M12-W14 - 1212513
Nut for assembling sensor/actuator cables with M12 connector and M12 connectors for assembly, with a hexagonal
knurl wrench size of 14 mm, with 4 mm hexagonal drive
 
 
Stripping tool
Stripping tool - WIREFOX 4 - 1212156
Stripping tool, for cables and conductors (especially for rubber and silicone insulations) from 0.1 - 4 mm², self-
adjusting, stripping length of up to 18 mm, cutting capacity of up to 10 mm² stranded/1.5 mm² solid, replaceable
stripping blade
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com