Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8160 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FS8160
Page 13
April 2003
Application Circuit
FOLD
XIN
XOUT
VSSA
FINA
VDDA
DOA
ENA
CLK
DATA
LE
VSSM
FINM
VDDM
DOM
ENM
FOLD
VCO
VCC
VCC
from
µC
VCO
30 pF
30 pF
1nF
100 pF
18
Ω
100 pF
1
µF
1
µF
100 pF
18
Ω
100 pF
1 nF
18 K
Ω
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com