Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8160 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FS8160
Page 8
April 2003
cated below.
The definition of the contents of the shift register relating to each particular latch location
is listed in the table below.
The 12-bit main and auxiliary reference (R) divider ratios are specified by the
MAINR[11:0] and AUXR[11:0] bits, respectively, and are defined in the table below.
Table 1: Latch enable control bits
CB[1]
CB[0]
Latch Location
0
0
Aux. R
0
1
Aux. N
10
Main R
11
Main N
Table 2: Serial data input format
First
bit
Shift Register Bit Location
Last
bit
17
16
15
14
13
12
11
10
9876543210
Aux. R
FOLD[3:0]
AUXR[11:0])
0
0
Aux. N
AUXB[11:0]
AUXA[3:0]
0
1
Main R
CP_CNTRL[3:0]
MAINR[11:0]
1
0
Main N
MAINB[11:0]
MAINA[3:0]
1
1
Table 3: Reference divider ratios
Divide
Ratio
MAINR[11:0] and AUXR[11:0]
11
10
9876543210
2
000000000010
3
000000000011
•
••••••••••••
4095
111111111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com