Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8160 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS8160 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FS8160
Page 2
April 2003
Pin Descriptions
Functional Block Diagram
Number
Name
I/O
Description
1
FOLD
O
Multiplexed CMOS level output (see Programming Description section)
2
XIN
I
Reference crystal oscillator or external clock input with internally biased amplifier
3
XOUT
O
Reference crystal oscillator output used with external resonator
4
VSSA
—
Ground (aux PLL)
5
FINA
I
VCO frequency input with internally biased input amplifier (aux PLL)
6
VDDA
—
Nominal 3.0 V supply voltage (aux PLL)
7
DOA
O
Single-ended charge pump output (aux PLL)
8
ENA
I
Enable control input; normal operation when high, power-down mode when low (aux PLL)
9
ENM
I
Enable control input; normal operation when high, power-down mode when low (main PLL)
10
DOM
O
Single-ended charge pump output (main PLL)
11
VDDM
—
Nominal 3.0 V supply voltage (main PLL)
12
FINM
I
VCO frequency input with internally biased input amplifier (main PLL)
13
VSSM
—
Ground (main PLL)
14
LE
I
Latch enable input
15
DATA
I
Serial data input
16
CLK
I
Shift register clock input
PFD
FOLD
FINM
DATA
CLK
LE
ENM
CONTROL
LOGIC
R-COUNTER
SHIFT REGISTER
AUX LATCH
FOLD
DOM
FINA
LOCK
DETECTOR
ENA
N-COUNTER
MAIN LATCH
N-COUNTER
R-COUNTER
PFD
CHARGE
PUMP
LOCK
DETECTOR
OSC
CHARGE
PUMP
MAIN
PRESCALER
AUX
PRESCALER
XOUT
XIN
DOA
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com