Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8160 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8160 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Page 1
April 2003
FS8160 1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
HiMARK Technology, Inc. reserves the right to change the product described in this datasheet. All information con-
tained in this datasheet is subject to change without prior notice. HiMARK Technology, Inc. assumes no responsibility
for the use of any circuits shown in this datasheet.
Description
The FS8160 is a serial data input, fully programmable dual phase-locked loop IC for use
in the local oscillator subsystem of radio transceivers. When combined with external
VCOs, the FS8160 becomes the core of a very low power dual frequency synthesizer well-
suited for mobile communication applications. The FS8160 is pin-compatible with
National Semiconductor’s LMX1602 IC.
Features
Supply voltage operating range: 2.7 to 3.6 V
Maximum input frequency: 1.1 GHz/1.1 GHz (main/auxiliary)
Low current consumption (I
DD,total typically 5 mA at VDD,main = VDD,aux = 3.0 V and < 1
µA in power down mode)
16-bit programmable input (both main and auxiliary) frequency dividers (including a
÷ 16/17 prescaler) with divide ratio range from 240 to 65535
12-bit programmable reference (both main and auxiliary) frequency dividers with
divide ratio range from 2 to 4095
Programmable charge pump output
Digital-filtered lock detect output
16 pin, plastic TSSOP (0.65 mm pitch)
Package and Pin Assignment
16 pin, plastic TSSOP (dimensions in mm)
FOLD
XIN
XOUT
VSSA
FINA
VDDA
DOA
ENA
CLK
DATA
LE
VSSM
FINM
VDDM
DOM
ENM
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - FS8160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8107E ETC-FS8107E Datasheet
128Kb / 10P
Low Power Phase-Locked Loop IC
logo
Princeton Technology Co...
FS8107E PTC-FS8107E Datasheet
249Kb / 10P
Low Power Phase-Locked Loop IC
logo
List of Unclassifed Man...
FS8108 ETC1-FS8108 Datasheet
131Kb / 10P
Low Power Phase-Locked Loop IC
logo
Princeton Technology Co...
FS8108 PTC-FS8108 Datasheet
251Kb / 10P
Low Power Phase-Locked Loop IC
logo
List of Unclassifed Man...
FS8170 ETC1-FS8170 Datasheet
261Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
More results

Similar Description - FS8160

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
logo
List of Unclassifed Man...
FS8170 ETC1-FS8170 Datasheet
261Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
Princeton Technology Co...
FS8170 PTC-FS8170 Datasheet
536Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
logo
Texas Instruments
LMX1601TMX TI1-LMX1601TMX Datasheet
414Kb / 18P
LMX1600 2.0 GHz/500 MHz, LMX1601 1.1 GHz/500 MHz, LMX1602 1.1 GHz/1.1 GHz PLLatinum??Low Cost Dual Frequency Synthesizer
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
1.1 GHz Prescaler
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com