Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8308 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8308 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FS8308 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Advance Information
FS8308
Page 15
April 2003
Single Voltage Operation
This IC requires two separate power supplies to operate. If only one voltage source is
available, ex. use battery to serve as power source, the user can apply the configuration as
shown in the following which is referred to as single voltage operation.
Since there is only one voltage source provided in the so-called single voltage configura-
tion, which is directly connected to V
dd2, one needs to choose a reasonable R value to set
V
dd1 to operate within the safe region, whose requirement is Vdd1 > 0.95V. Keep in mind
that the lower V
dd1 is, the less current this IC will consume, but the poorer crystal buffer
output it drives. In order to balance the trade-off between the current consumption and
crystal buffer driving capability, V
dd1 is suggested to be about 1.1V. Vdd1 vs. Vdd2 for vari-
ous R at fin=470MHz is plotted in the following figure. Note that although smaller resistor
R makes this IC consume more current, the reward is with wider power supply input
range. Typical value of R is recommended to be around 1.6K
Ω..
Single Voltage Characteristic: Vdd1 vs. Vdd2 for Various R
VDD2
VDD1
R
POWER SUPPLY
1.5
2.0
2.5
3.0
3.5
4.0
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Safe Operation Region
fin=470MHz, Pfin=-10dBm
xin=24MHz, N=4032, R=5
Vdd2 (V)
R=1.2K
R=1.6K
R=1.8K
R=2.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com