Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8308 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8308 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8308 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Advance Information
FS8308
Page 7
April 2003
Serial Input Data Format
The divsors of the input and reference dividers are input using a 20-bit serial interface
consisting of separate clock (CLK), data (DATA), and latch enable (LE) lines. The format
of the serial data is shown in Fig. 1. The data on the DATA line is written to the shift reg-
ister on the rising edge of the CLK signal and is input with MSB first. The last two bits are
recognized as the latch select control bits. Data on the DATA line should be changed on
the falling edge of CLK, and LE should be held low while data is being written to the shift
register. Data is transferred from the shift register to either one of the frequency divider
latches or the optional control latch when LE is set high. When the latch select control bits
are set high-low or low-low, data is loaded to the 18-bit N-counter latch, and when the
latch select control bits are set high-high, the 2 MSBs are ignored, the next 13 data bits are
loaded to the 13-bit R-counter latch and the remaining 3 LSBs are used to control testing
modes and should be set as follows for normal operation: R14 = high, R15 = low, R16 =
low. To disable LD output (i.e. set LD low), R14 should be set low. When the latch select
control bits are set low-high, the 2 MSBs are recognized as PS and SW, which are used as
stand-by control and open drain output control, respectively. The detail of two control bits
setting is summarized in Table 1. In normal work condition, PS is set to low. When PS is
programmed to high, it will enter stand-by mode.
Serial input data timing waveforms are shown in Fig. 2.
Fig. 1 – Serial input data format
Table 1: Control Bit Setting
1st CB
2nd CB
Fetching Target of Serial Data Input
X
0
N-counter
0
1
PS and SW
1
1
R-counter
18-bit data for N-counter
13-bit data for R-counter
ignored
ignored
optionalcontrol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com