Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8308 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8308 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS8308 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Advance Information
FS8308
Page 2
April 2003
Package and Pin Assignment: 16L, TSSOP
Note: Tolerance + 0.1mm unless otherwise specified
Symbols
Dimensions in mm
Dimensions in inch
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
---
---
1.20
---
---
0.048
A1
0.05
---
0.15
0.002
---
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
---
0.30
0.007
---
0.012
C
0.09
---
0.20
0.004
---
0.008
D
4.90
5.00
5.10
0.193
0.197
0.201
E
---
6.40
---
---
0.252
---
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
---
0.65
---
---
0.026
---
L
0.45
0.60
0.75
0.018
0.024
0.030
y
---
---
0.10
---
---
0.004
θ
0
°
---
8
°
0
°
---
8
°
XIN
XOUT
VDD2
NC
DO
VSS
FIN
VDD1
BO
TEST
SW
LE
DATA
CLK
LD
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com