Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8308 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8308 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8308 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8308 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Page 1
April 2003
FS8308 Low Power PLL Frequency Synthesizer IC
Advance Information
HiMARK Technology, Inc. reserves the right to change the product described in this datasheet. All information con-
tained in this datasheet is subject to change without prior notice. HiMARK Technology, Inc. assumes no responsibility
for the use of any circuits shown in this datasheet.
Description
The FS8308 is a serial data input, phase-locked loop IC with programmable input and ref-
erence frequency dividers. When combined with a VCO, this IC becomes the core of a
very low power frequency synthesizer well-suited for mobile communication applications,
e.x. paging systems and family radio service (FRS). There are some features implemented
in this IC, including an 18-bit programmable input frequency divider, a terminal for refer-
ence oscillator buffer output, as well as stand-by control through programming, and etc.
Details are listed in the following.
Features
Up to 40 MHz external crystal oscillator reference frequency under normal condition
Low current consumption (I
DD,total typically 1.2 mA at fFIN = 500 MHz and VDD1 = 1.0
V)
With Schmitt trigger added for noise-immune programming input
18-bit programmable input frequency divider (including a
÷ 64/65 prescaler) with
divide ratio range from 4032 to 262143
13-bit programmable reference frequency divider (including a
÷ 8 prescaler) with
divide ratio range from 40 to 65528
Optional lock detector output (LD, f
R/2, fV/2)
Charge pump output for passive low-pass filter
Wide tuning range of charge pump output for external VCO (V
SS+0.5 to VDD2-0.5)
Switchover terminal for constant of loop filter or general open drain output
Reference oscillator buffer output
Programmable stand-by control
TSSOP 16L package (0.65mm pitch)
Applications
Pager
Family radio service (FRS)
Wireless communication system


Similar Part No. - FS8308

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
Low Power PLL Frequency Synthesizer IC
More results

Similar Description - FS8308

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5142AP NPC-SM5142AP Datasheet
171Kb / 6P
Frequency Synthesizer PLL IC
SM5165AV NPC-SM5165AV Datasheet
89Kb / 10P
PLL Synthesizer IC
SM5166AV NPC-SM5166AV Datasheet
91Kb / 11P
PLL Synthesizer IC
SM5170AV NPC-SM5170AV Datasheet
119Kb / 10P
PLL Synthesizer IC
logo
Analog Devices
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
Dual Low Power PLL Frequency Synthesizer
REV.0
logo
Hitachi Semiconductor
HD61945MP HITACHI-HD61945MP Datasheet
567Kb / 9P
PLL SYNTHESIZER IC
logo
Nippon Precision Circui...
SM5168 NPC-SM5168 Datasheet
85Kb / 9P
PLL Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
Dual Low Power PLL Frequency Synthesizer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com